Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR3072XED-F Datasheet(PDF) 6 Page - Exar Corporation

Part # XR3072XED-F
Description  LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3072XED-F Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR3072XED-F Datasheet HTML 2Page - Exar Corporation XR3072XED-F Datasheet HTML 3Page - Exar Corporation XR3072XED-F Datasheet HTML 4Page - Exar Corporation XR3072XED-F Datasheet HTML 5Page - Exar Corporation XR3072XED-F Datasheet HTML 6Page - Exar Corporation XR3072XED-F Datasheet HTML 7Page - Exar Corporation XR3072XED-F Datasheet HTML 8Page - Exar Corporation XR3072XED-F Datasheet HTML 9Page - Exar Corporation XR3072XED-F Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
XR3070-78X
6
LOW POWER 18V TOLERANT RS-485/RS-422 +3.3V TRANSCEIVERS
REV. 1.0.2
DRIVER AC CHARACTERISTICS
XR3070X, XR3071X and XR3072X (250kbps)
tDPLH
Driver Prop. Delay (Low to High)
250
1500
ns
CL = 50pF, RL = 54,
Figure 7
tDPHL
Driver Prop. Delay (High to Low)
250
1500
ns
|t
DPLH-tDPHL|
Differential Driver Output Skew
20
200
ns
tDR, tDF
Driver Differential Output
Rise or Fall Time
350
1600
ns
Maximum Data Rate
250
kbps
1/tUI, Duty Cycle 40 to 60%
tDZH
Driver Enable to Output High
200
2500
ns
CL = 50pF, RL = 500,
Figure 8
tDZL
Driver Enable to Output Low
200
2500
ns
tDHZ
Driver Disable from Output High
6
100
ns
tDLZ
Driver Disable from Output Low
6
100
ns
tDZH(SHDN)
Driver Enable from Shutdown to
Output High
5500
ns
CL = 50pF, RL = 500,
Figure 8
tDZL(SHDN)
Driver Enable from Shutdown to
Output Low
5500
ns
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3 and 4
RECEIVER AC CHARACTERISTICS
XR3070X, XR3071X and XR3072X (250kbps)
tRPLH
Receiver Prop. Delay (Low to High)
200
ns
CL = 15pF, VID = ±2V,
VID Rise and Fall times < 15ns
Figure 9
tRPHL
Receiver Prop. Delay (High to Low)
200
ns
|t
RPLH-tRPHL|
Receiver Propagation Delay Skew
30
ns
Maximum Data Rate
250
kbps
1/tUI, Duty Cycle 40 to 60%
tRZH
Receiver Enable to Output High
50
ns
CL = 15pF, RL = 1k,
Figure 10
tRZL
Receiver Enable to Output Low
50
ns
tRHZ
Receiver Disable from Output High
50
ns
tRLZ
Receiver Disable from Output Low
50
ns
tRZH(SHDN)
Receiver Enable from Shutdown
to Output High
3500
ns
CL = 15pF, RL = 1k,
Figure 10
tRZL(SHDN)
Receiver Enable from Shutdown
to Output Low
3500
ns
tSHDN
Time to Shutdown
50
200
600
ns
Notes 3 and 4
Unless otherwise noted: VCC = +3.3V ±10%, TA = TMIN to TMAX. Typical values are at VCC = 3.3V, TA = +25°C.
SYMBOL
PARAMETERS
MIN.TYP.MAX.UNITS
CONDITIONS


Similar Part No. - XR3072XED-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XED-F EXAR-XR3080XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XID-F EXAR-XR3080XID-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3081XED-F EXAR-XR3081XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
More results

Similar Description - XR3072XED-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com