Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR3075XID-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR3075XID-F
Description  LOW POWER 18V TOLERANT RS-485/RS-422 3.3V TRANSCEIVERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR3075XID-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR3075XID-F Datasheet HTML 6Page - Exar Corporation XR3075XID-F Datasheet HTML 7Page - Exar Corporation XR3075XID-F Datasheet HTML 8Page - Exar Corporation XR3075XID-F Datasheet HTML 9Page - Exar Corporation XR3075XID-F Datasheet HTML 10Page - Exar Corporation XR3075XID-F Datasheet HTML 11Page - Exar Corporation XR3075XID-F Datasheet HTML 12Page - Exar Corporation XR3075XID-F Datasheet HTML 13Page - Exar Corporation XR3075XID-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
XR3070-78X
10
LOW POWER 18V TOLERANT RS-485/RS-422 +3.3V TRANSCEIVERS
REV. 1.0.2
BLOCK DIAGRAMS
FIGURE 1. HALF DUPLEX (XR3072X, XR3075X, XR3078X)
VCC
B/Z
A/Y
GND
RO
RE
DE
DI
1
2
3
4
R
D
8
7
6
5
FIGURE 2. FULL DUPLEX (XR3070X, XR3071X, XR3073X, XR3074X, XR3076X, XR3077X)
A
B
Z
Y
VCC
RO
DI
GND
1
2
3
4
R
D
8
7
6
5
VCC
N/C
A
B
Z
Y
N/C
N/C
RO
RE
DE
DI
GND
GND
1
2
3
4
5
6
7
R
D
14
13
12
11
10
9
8


Similar Part No. - XR3075XID-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XR3000 ETC2-XR3000 Datasheet
358Kb / 3P
   USER FRIENDLY WEB INTERFACE
logo
Exar Corporation
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XED-F EXAR-XR3080XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3080XID-F EXAR-XR3080XID-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
XR3081XED-F EXAR-XR3081XED-F Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
More results

Similar Description - XR3075XID-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
XR3080-88X EXAR-XR3080-88X Datasheet
834Kb / 24P
   HIGH OUTPUT 18V TOLERANT RS-485/RS-422 5V TRANSCEIVERS
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422
logo
National Semiconductor ...
DS75176B NSC-DS75176B Datasheet
209Kb / 8P
   Multipoint RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485_05 Datasheet
480Kb / 11P
   3.3V, Low Power, 30Mbps, RS-485/RS-422 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com