Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C452IJ68PS Datasheet(PDF) 6 Page - Exar Corporation

Part # ST16C452IJ68PS
Description  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452IJ68PS Datasheet(HTML) 6 Page - Exar Corporation

Back Button ST16C452IJ68PS Datasheet HTML 2Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 3Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 4Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 5Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 6Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 7Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 8Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 9Page - Exar Corporation ST16C452IJ68PS Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
ST16C452/452PS
Rev. 3.20
Symbol
Pin
Signal Type
Pin Description
with a printer to select the printer with an active low.
-STROBE
55
I/O
Strobe (open drain, with internal pull-up) - General purpose
I/O or data strobe output. Normally this output is connected
to a printer and indicates that valid data is available at the
printer port (PD0-PD7).
N.C.
22,42
Not Used. Should be left open.
VCC
23,40,64
Pwr
2.97 to 5.5V power supply input. All inputs are 5V tolerant
except for XTAL1 and all printer port inputs for devices with top
mark date code of "F2 YYWW" and newer.
-CD A/B
29,8
I
Carrier Detect (active low) - These inputs are associated
with individual UART channels A through B. A logic 0 on this
pin indicates that a carrier has been detected by the modem
for that channel.
-CTS A/B
28,13
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through B. A logic 0 on this
pin(s) indicates the modem or data set is ready to accept
transmit data from the 452/452PS for the given channel.
Status can be tested by reading MSR bit-4 for that
channel(s). -CTS has no effect on the transmit or receive
operation.
-DSR A/B
31,5
I
Data Set Ready (active low) - These inputs are associated
with individual UART channels, A through B. A logic 0 on
this pin(s) indicates the modem or data set is powered-on
and is ready for data exchange with the UART. This pin has
no effect on the UART’s transmit or receive operation.
-DTR A/B
25,11
O
Data Terminal Ready (active low) - These outputs are
associated with individual UART channels, A through B. A
logic 0 on this pin(s) indicates that the 452/452PS is
powered-on and ready. This pin can be controlled via the
modem control register for channel(s) A-B. Writing a logic
1 to MCR bit-0 will set the -DTR output to logic 0, enabling
the modem. This pin will be a logic 1 after writing a logic 0
to MCR bit-0, or after a reset. This pin has no effect on the
UART’s transmit or receive operation.
-RI A/B
30,6
I
Ring Indicator (active low) - These inputs are associated with
SYMBOL DESCRIPTION


Similar Part No. - ST16C452IJ68PS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452IJ68PS EXAR-ST16C452IJ68PS Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Similar Description - ST16C452IJ68PS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com