Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS14C232 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DS14C232
Description  Low Power 5V Powered TIA/EIA-232 Dual
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

DS14C232 Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Switching Characteristics (Continued)
Note 8: Ratings apply to ambient temperature at +25˚C. Above this temperature derate: J Package 12.2 mW/˚C and E Package 13.3 mW/˚C.
Connection Diagrams
Parameter Measurement Information
J Package
16-Lead Dual-In-line Package
DS010744-1
E Package
20-Lead Ceramic Leadless Chip Carrier
DS010744-10
For Complete Military Product Specifications
See MDS or SMD.
Order Number DS14C232J/883 or DS14C232E/883
See NS Package Number E20A or J16A
DS010744-3
FIGURE 1. Driver Load Circuit
DS010744-4
FIGURE 2. Driver Switching Waveform
www.national.com
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn