Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76115EVB Datasheet(PDF) 3 Page - Exar Corporation

Part # XR76115EVB
Description  15A Synchronous Step Down COT Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76115EVB Datasheet(HTML) 3 Page - Exar Corporation

  XR76115EVB Datasheet HTML 1Page - Exar Corporation XR76115EVB Datasheet HTML 2Page - Exar Corporation XR76115EVB Datasheet HTML 3Page - Exar Corporation XR76115EVB Datasheet HTML 4Page - Exar Corporation XR76115EVB Datasheet HTML 5Page - Exar Corporation XR76115EVB Datasheet HTML 6Page - Exar Corporation XR76115EVB Datasheet HTML 7Page - Exar Corporation XR76115EVB Datasheet HTML 8Page - Exar Corporation XR76115EVB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
XR76115
© 2015 Exar Corporation
3/16
www.exar.com
Rev. 1B
Parameter
Min.
Typ.
Max.
Units
Conditions
Reference voltage
VREF, Reference voltage
0.597 0.600 0.603
V
VIN=5V-22V
VCC regulating
0.596 0.600 0.604
V
VIN=4.5V-5.5V
VCC tied to VIN
0.594 0.600 0.606
V
• VIN=5V-22V
VCC regulating,
VIN=4.5V-5.5V
VCC tied to VIN
DC load regulation
±0.25
%
CCM operation, closed loop, applies to any COUT
DC Line regulation
±0.12
%
Parameter
Min.
Typ.
Max.
Units
Conditions
Programmable Constant On-Time
On-Time 1
1.66
1.95
2.24
µs
• RON=140kΩ, VIN=22V
f corresponding to On-Time 1
243
280
329
kHz
VIN=22V, VOUT=12V
Minimum Programmable On-
Time
109
ns
RON=6.98kΩ, VIN=22V
On-Time 2
170
200
230
ns
• RON=6.98kΩ, VIN=12V
f corresponding to On-Time 2
362
417
490
kHz
VOUT=1.0V
On-Time 3
365
430
495
ns
• RON=16.2kΩ, VIN=12V
Minimum Off-Time
250
350
ns
Diode Emulation Mode
Zero crossing threshold
-2
mV
DC value measured during test
Soft-Start
SS Charge current
-14
-10
-6
µA
SS Discharge current
1
3
mA
• Fault present
VCC Linear Regulator
VCC Output Voltage
4.8
5.0
5.2
V
• VIN=6V to 22V, Iload=0 to 30mA
4.51
4.7
• VIN=5V, Iload=0 to 20mA
Dropout Voltage
100
300
490
mV
• IVCC=30mA
Power Good Output
Power Good Threshold
-10
-7.5
-5
%
Power Good Hysteresis
2
4
%
Power Good Sink Current
1
15
mA
Protection: OCP, OTP, Short-Circuit
Hiccup timeout
110
ms
ILIM pin source current
45
50
55
µA
ILIM current temperature
coefficient
0.4
%/°C
ILIM comparator offset
-8
0
+8
mV
Current limit blanking
100
ns
Thermal shutdown threshold
150
°C
Rising temperature
Thermal Hysteresis
15
°C
Feedback pin short-circuit
threshold
50
60
70
%
Percent of VREF, short circuit is active
After PGOOD is up
Output Power Stage
High-side MOSFET RDSON
7
10
mΩ
VGS=4.5V, IDS=2A
Low-side MOSFET RDSON
4
4.6
mΩ
VGS=4.5V, IDS=2A
Maximum Output Current
15
A


Similar Part No. - XR76115EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76116 EXAR-XR76116 Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116EL-F EXAR-XR76116EL-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116ELMTR-F EXAR-XR76116ELMTR-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116ELTR-F EXAR-XR76116ELTR-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116EVB EXAR-XR76116EVB Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
More results

Similar Description - XR76115EVB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com