Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR76115ELTR-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XR76115ELTR-F
Description  15A Synchronous Step Down COT Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR76115ELTR-F Datasheet(HTML) 4 Page - Exar Corporation

  XR76115ELTR-F Datasheet HTML 1Page - Exar Corporation XR76115ELTR-F Datasheet HTML 2Page - Exar Corporation XR76115ELTR-F Datasheet HTML 3Page - Exar Corporation XR76115ELTR-F Datasheet HTML 4Page - Exar Corporation XR76115ELTR-F Datasheet HTML 5Page - Exar Corporation XR76115ELTR-F Datasheet HTML 6Page - Exar Corporation XR76115ELTR-F Datasheet HTML 7Page - Exar Corporation XR76115ELTR-F Datasheet HTML 8Page - Exar Corporation XR76115ELTR-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
XR76115
© 2015 Exar Corporation
4/16
www.exar.com
Rev. 1B
Block Diagram
Figure 3: XR76115 Block Diagram
Q
Q
R
S
Dead
Time
Control
On-Time
1.9 V
Hiccup
Mode
PGND
FB
VIN
GH
Minimum
On Time
Enable
Hiccup
OCP
comparator
Feedback
comparator
Current
emulation &
DC correction
PGOOD
LDO
VCC
VCC
GL
SW
BST
VCC
50uA
+
-
+
-
+
-
3 V
-2 mV
SW
Enable LDO
CCM or CCM/DCM
Zero Cross Detect
If 8 consecutive ZCD
Then DCM
If 1 no n-ZCD
Then exit DCM
Q
Q
R
S
AGND
ILIM
If four
consecutive OCP
VIN
TON
+
-
+
-
+
-
PGOOD comparator
Short-circuit detection
0.555 V
0.36 V
Switching
Enabled
10uA
+
-
Switching
Enabled
SS
0.6 V
+
-
+
-
Switching
Enabled
Enable LDO
VCC UVLO
4.25 V
OTP
150 C
TJ
VCC
TON
Enable LDO
PVIN
EN/MODE
FB
0.6V


Similar Part No. - XR76115ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR76116 EXAR-XR76116 Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116EL-F EXAR-XR76116EL-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116ELMTR-F EXAR-XR76116ELMTR-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116ELTR-F EXAR-XR76116ELTR-F Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
XR76116EVB EXAR-XR76116EVB Datasheet
1,003Kb / 19P
   PowerBloxTM 15A and 20A Synchronous
More results

Similar Description - XR76115ELTR-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR79115 EXAR-XR79115 Datasheet
2Mb / 19P
   22V, 15A Synchronous Step Down COT Power Module
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR76108 EXAR-XR76108 Datasheet
1Mb / 17P
   8A and 12A Synchronous Step Down COT Regulator
XR76203 EXAR-XR76203 Datasheet
1Mb / 20P
   3A/5A/8A Synchronous Step Down COT Regulator
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XR75100 EXAR-XR75100 Datasheet
3Mb / 15P
   40V Synchronous Step Down COT Controller
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79110 EXAR-XR79110 Datasheet
1Mb / 20P
   22V, 10A Synchronous Step Down COT Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com