Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR75100 Datasheet(PDF) 3 Page - Exar Corporation

Part # XR75100
Description  40V Synchronous Step Down COT Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR75100 Datasheet(HTML) 3 Page - Exar Corporation

  XR75100 Datasheet HTML 1Page - Exar Corporation XR75100 Datasheet HTML 2Page - Exar Corporation XR75100 Datasheet HTML 3Page - Exar Corporation XR75100 Datasheet HTML 4Page - Exar Corporation XR75100 Datasheet HTML 5Page - Exar Corporation XR75100 Datasheet HTML 6Page - Exar Corporation XR75100 Datasheet HTML 7Page - Exar Corporation XR75100 Datasheet HTML 8Page - Exar Corporation XR75100 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© 2016 Exar Corporation
XR75100
3 / 15
exar.com/XR75100
Rev 1C
VCC UVLO Hysteresis
200
mV
Reference Voltage
VREF
Reference Voltage
VIN = 5.5V to 40V
0.597
0.600
0.603
V
0.594
0.600
0.606
V
DC Line Regulation
CCM, closed loop, VIN=5.5V-30V, applies
to any COUT
±0.3
%
DC Load Regulation
CCM, closed loop, IOUT=0A-10A, applies
to any COUT
±0.15
%
Programmable Constant On-Time
Maximum Recommended On-Time
RON = 237k, VIN = 40V
2.0
us
On-Time 1
RON = 237k, VIN = 40V
1.7
2.0
2.3
us
f Corresponding to On-Time 1
VIN = 40V, VOUT = 24V
261
300
353
kHz
Minimum Programmable On-Time
RON = 14k, VIN = 40V
120
ns
RON = 14k, VIN = 24V
200
230
ns
On-Time 2
RON = 14k, VIN = 24V
170
200
230
ns
f Corresponding to On-Time 2
VOUT = 5V
906
1042
1225
kHz
VOUT = 3.3V
598
688
809
kHz
On-Time 3
RON = 35.7k, VIN = 24V
430
506
582
ns
Minimum Off-Time
250
350
ns
Diode Emulation Mode
Zero Crossing Threshold
DC value measured during test
-4
-1
2
mV
Soft-start
SS Charge Current
-14
-10
-6
μA
SS Discharge Current
Fault present
1mA
VCC Linear Regulator
VCC Output Voltage
VIN = 6V to 40V, ILOAD = 0 to 30mA
4.8
5.0
5.2
V
VIN = 5.5V, ILOAD = 0 to 20mA
4.8
5.0
5.2
V
Power Good Output
Power Good Threshold
-10
-7.5
-5
%
Power Good Hysteresis
24
%
Power Good Sink Current
1
mA
Protection: OCP, OTP, Short-Circuit
Hiccup Timeout
110
ms
ILIM Pin Source Current
45
50
55
μA
ILIM Current Temperature Coefficient
0.4
%/°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units


Similar Part No. - XR75100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR75100ELF EXAR-XR75100ELF Datasheet
164Kb / 1P
   Flammability rating of UL 94?륷0
More results

Similar Description - XR75100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6141 EXAR-XRP6141_17 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XRP6141 EXAR-XRP6141 Datasheet
1Mb / 14P
   35A Synchronous Step Down COT Controller
XR76201 EXAR-XR76201 Datasheet
1Mb / 16P
   40V PowerBloxTM 1.5A Synchronous Step-Down COT Regulator
XR79206EL-F EXAR-XR79206EL-F Datasheet
2Mb / 20P
   40V, 6A Synchronous Step-Down COT Power Module
XR76115 EXAR-XR76115 Datasheet
2Mb / 16P
   15A Synchronous Step Down COT Regulator
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
logo
Exar Corporation
XR76121ELMTR-F EXAR-XR76121ELMTR-F Datasheet
1Mb / 19P
   PowerBlox 20A Synchronous Step-Down COT Regulators
XR76121 EXAR-XR76121 Datasheet
1Mb / 18P
   PowerBloxTM 20A Synchronous Step-Down COT Regulators
XR79203 EXAR-XR79203 Datasheet
2Mb / 19P
   40V, 3A Synchronous Step-Down
XR79206 EXAR-XR79206 Datasheet
2Mb / 19P
   40V, 6A Synchronous Step-Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com