Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR34350 Datasheet(PDF) 10 Page - Exar Corporation

Part # XR34350
Description  Internal Termination and Wide Output Swing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR34350 Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR34350 Datasheet HTML 6Page - Exar Corporation XR34350 Datasheet HTML 7Page - Exar Corporation XR34350 Datasheet HTML 8Page - Exar Corporation XR34350 Datasheet HTML 9Page - Exar Corporation XR34350 Datasheet HTML 10Page - Exar Corporation XR34350 Datasheet HTML 11Page - Exar Corporation XR34350 Datasheet HTML 12Page - Exar Corporation XR34350 Datasheet HTML 13Page - Exar Corporation XR34350 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
XR
34350
10/20
REV1B
Functional Block Diagrams by Mode (MODE1, MODE0) (Continued)
Figure 3. Functional Block Diagram - Mode 01, RS-232
1
2
3
4
5
6
7
8
9
10
L1
L2
L3
L4
L6
L7
L8
L9
VCC
GND
30
29
28
27
26
25
24
23
22
21
R2
GND
R3
R4
GND
R6
R7
GND
R8
R9
R1
R2
T1
T2
R3
T3
R4
R5
5kΩ
5kΩ
5kΩ
5kΩ
5kΩ
Cc
1.0µF
C4
0.1µF
C3
0.1µF
C2
0.1µF
C1
0.1µF


Similar Part No. - XR34350

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR34350ILEVB EXAR-XR34350ILEVB Datasheet
404Kb / 20P
   RS-232/485/422 Serial Transceiver with Internal Termination and Wide Output Swing
More results

Similar Description - XR34350

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR34350ILEVB EXAR-XR34350ILEVB Datasheet
404Kb / 20P
   RS-232/485/422 Serial Transceiver with Internal Termination and Wide Output Swing
logo
ON Semiconductor
MC100EP16VT ONSEMI-MC100EP16VT Datasheet
171Kb / 12P
   3.3V / 5V ECL Differential Receiver/Driver with Variable Output Swing and Internal Input Termination
December, 2006 ??Rev. 3
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY58051AU MICREL-SY58051AU Datasheet
984Kb / 14P
   Ultra-Precision CML AnyGate with Internal Input and Output Termination
SY58051U MICREL-SY58051U Datasheet
156Kb / 10P
   ULTRA-PRECISION CML AnyGate WITH INTERNAL INPUT AND OUTPUT TERMINATION
logo
Rohm
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
logo
Micrel Semiconductor
SY58051U MICREL-SY58051U_11 Datasheet
831Kb / 13P
   Ultra-Precision CML AnyGate 짰 with Internal Input and Output Termination
SY58052U MICREL-SY58052U Datasheet
194Kb / 8P
   ULTRA-PRECISION CML DATA AND CLOCK SYNCHRONIZER W/ INTERNAL INPUT AND OUTPUT TERMINATION
SY58052AU MICREL-SY58052AU Datasheet
767Kb / 13P
   Ultra-Precision CML Data and Clock Synchronizer with Internal Input and Output Termination
logo
ON Semiconductor
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com