Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33202EEHB-F Datasheet(PDF) 4 Page - Exar Corporation

Part # XR33202EEHB-F
Description  Wide Supply TIA-485/TIA-422 Transceiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33202EEHB-F Datasheet(HTML) 4 Page - Exar Corporation

  XR33202EEHB-F Datasheet HTML 1Page - Exar Corporation XR33202EEHB-F Datasheet HTML 2Page - Exar Corporation XR33202EEHB-F Datasheet HTML 3Page - Exar Corporation XR33202EEHB-F Datasheet HTML 4Page - Exar Corporation XR33202EEHB-F Datasheet HTML 5Page - Exar Corporation XR33202EEHB-F Datasheet HTML 6Page - Exar Corporation XR33202EEHB-F Datasheet HTML 7Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
XR
33202
4/7
REV1A
Electrical Characteristics
Specifications are at TA = 25°C, VCC = 3.3V±10% or 5.0V±10%, VL = VCC unless otherwise noted. Typical values represent
the most likely parametric norm at TA = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Driver DC Characteristics
VOD
Differential driver output
RL = 100Ω (TIA-422), VCC = 3.0V
2.0
V
RL = 54Ω (TIA-485), VCC = 3.0V
1.5
V
RL = 100Ω (TIA-422), VCC = 4.5V
2.25
V
RL = 54Ω (TIA-485), VCC = 4.5V
2.25
V
VOD
Change in magnitude of differential
output voltage
RL = 100Ω or 54Ω
-0.2
0.2
V
VCM
Driver common-mode output voltage
(steady state)
RL = 100Ω or 54Ω
VCC/2
3
V
VCM
Change in magnitude of common-mode
output voltage
RL = 100Ω or 54Ω
-0.2
0.2
V
IA, B
Input current (A and B)
VOUT = 12V, DE = 0V
VCC = 0V or 5.5V
125
µA
VOUT = -7V, DE = 0V
VCC = 0V or 5.5V
-100
µA
IOL
Output leakage (Y and Z)
VOUT = 12V, DE = 0V
VCC = 0V or 5.5V
125
µA
VOUT = -7V, DE = 0V
VCC = 0V or 5.5V
-100
µA
IOSD
Driver short-circuit output current
-7V ≤ VOUT ≤ +12V
-250
250
mA
Receiver DC Characteristics
VTH
Receiver differential threshold voltage
(VA - VB)
-7V ≤ VCM ≤ 12V
-200
-125
-50
mV
VOH
Receiver input hysteresis
VCM = 0V
25
mV
RIN
Receiver input resistance
-7V ≤ VCM ≤ 12V
96
IOSC
Receiver output short-circuit current
0V ≤ VRO ≤ VL
-120
120
mA
Logic Inputs and Outputs
VIH
Logic input thresholds (DI, DE, RE)
1.65V ≤ VL ≤ 5.5V & VL ≤ VCC
Logic input high
2/3*VL
V
VIL
Logic input low
1/3*VL
V
VHYS
Input hysteresis (DI, DE, RE)
50
mV
IIN
Logic input current (DI, DE, RE)
0V ≤ VIN ≤ VL, after first transition
1
μA
IINHS
Logic input current hot swap (DE and RE)
Until first transition
±320
μA
VOH
Receiver output high voltage (RO)
3.0V ≤ VL ≤ 5.5V, IOUT = -1mA
1.6V ≤ VL ≤ 3.0V, IOUT = -1mA
VL - 0.6
V
VOL
Receiver output low voltage (RO)
3.0V ≤ VL ≤ 5.5V, IOUT = 1mA
1.6V ≤ VL ≤ 3.0V, IOUT = 1mA
0.4
V
IOZR
High-Z receiver output current
0V ≤ VOUT ≤ VL
-1
1
μA


Similar Part No. - XR33202EEHB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33202EEHB-F EXAR-XR33202EEHB-F Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
More results

Similar Description - XR33202EEHB-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33152 EXAR-XR33152 Datasheet
874Kb / 19P
   TIA-485/TIA-422 Transceivers
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Linear Technology
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08 Datasheet
316Kb / 17P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08_07 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
TriQuint Semiconductor
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
logo
Linear Technology
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com