Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33156 Datasheet(PDF) 1 Page - Exar Corporation

Part # XR33156
Description  TIA-485/TIA-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33156 Datasheet(HTML) 1 Page - Exar Corporation

  XR33156 Datasheet HTML 1Page - Exar Corporation XR33156 Datasheet HTML 2Page - Exar Corporation XR33156 Datasheet HTML 3Page - Exar Corporation XR33156 Datasheet HTML 4Page - Exar Corporation XR33156 Datasheet HTML 5Page - Exar Corporation XR33156 Datasheet HTML 6Page - Exar Corporation XR33156 Datasheet HTML 7Page - Exar Corporation XR33156 Datasheet HTML 8Page - Exar Corporation XR33156 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
±60V Fault Tolerant 3.0V to 5.5V
TIA-485/TIA-422 Transceivers
XR
33152/56/58
1/19
REV1A
FEATURES
3.0V to 5.5V operation
±60V fault tolerance on analog bus pins
Extended ±25V common mode operation
Robust ESD protection:
±15kV HBM (bus pins)
± 4kV HBM (non-bus pins)
1.65V to 5.5V logic Interface VL pin
(full-duplex package option)
Invert control to correct for reversed
bus pins
Enhanced receiver fail-safe protection for
open, shorted or terminated but idle
data lines
Hot swap glitch protection on DE and
RE
pins
Driver short-circuit current limit and
thermal shutdown for overload protection
Reduced unit loads allows up to 320
devices on bus
Industry standard 8 and 14-pin
NSOIC packages
-40°C to 85°C ambient operating
temperature range
APPLICATIONS
Industrial control networks
HVAC networks
Building and process automation
Remote utility meter reading
Energy monitoring and control
Long or unterminated transmission lines
Typical Application
Description
The XR33152, XR33156 and XR33158 family of high performance
TIA-485/TIA-422 devices are designed for improved performance
in noisy industrial environments and increased tolerance to system
faults.
The analog bus pins can withstand direct shorts up to ±60V and are
protected against ESD events up to ±15kV HBM. An extended ±25V
common mode operating range allows for more reliable operation in
noisy environments.
The receivers include full fail-safe circuitry, guaranteeing a logic
high receiver output when the receiver inputs are open, shorted
or undriven. The XR33152 receiver input impedance is at least
120kΩ (1/10 unit load), allowing more than 320 devices on the bus.
The XR33156/58 receiver input impedance is at least 30kΩ (1/2.5
unit load), allowing more than 80 devices on the bus.
The drivers are protected by short circuit detection as well as thermal
shutdown and maintain high impedance in shutdown or when powered
off. The XR33152 driver is slew limited for reduced EMI and error-free
communication over long or unterminated data cables.
The XR33152/56/58 family of high performance TIA-485/TIA-422
devices are designed for improved performance in noisy industrial
environments and increased tolerance to system faults.
The devices with DE and RE pins include hot swap circuitry to prevent
false transitions on the bus during power up or live insertion and can
enter a 1nA low current shutdown mode for extreme power savings.
Figure 1. Typical Application
V
CC
V
CC
5V
5V
DI
R
DE
RE
DI
DE
60V POWER BUS
FAULT TOLERANT UP TO 60V
R
RE


Similar Part No. - XR33156

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33156 EXAR-XR33156 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HD-F EXAR-XR33156HD-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HDEVB EXAR-XR33156HDEVB Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HDTR-F EXAR-XR33156HDTR-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156ID-F EXAR-XR33156ID-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33156

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Integrated Device Techn...
GX36220 IDT-GX36220 Datasheet
120Kb / 2P
   Linear TIA
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A Datasheet
261Kb / 1P
   TIA for photoreceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com