Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR33156 Datasheet(PDF) 5 Page - Exar Corporation

Part # XR33156
Description  TIA-485/TIA-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33156 Datasheet(HTML) 5 Page - Exar Corporation

  XR33156 Datasheet HTML 1Page - Exar Corporation XR33156 Datasheet HTML 2Page - Exar Corporation XR33156 Datasheet HTML 3Page - Exar Corporation XR33156 Datasheet HTML 4Page - Exar Corporation XR33156 Datasheet HTML 5Page - Exar Corporation XR33156 Datasheet HTML 6Page - Exar Corporation XR33156 Datasheet HTML 7Page - Exar Corporation XR33156 Datasheet HTML 8Page - Exar Corporation XR33156 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
XR
33152/56/58
5/19
REV1A
Pin Functions
XR33156 (Full Duplex - 14 Pins)
Transmitting
Inputs
Outputs
DINV
RE
DE
DI
Y
Z
0
X
1
1
1
0
0
X
1
0
0
1
1
X
1
1
0
1
1
X
1
0
1
0
X
0
0
X
High-Z
X
1
0
X
High-Z (shutdown)
XR33152 and XR33158 (Half Duplex - 8 Pins)
Transmitting
Inputs
Outputs
INV
DE
DI
A/Y
B/Z
0
1
1
1
0
0
1
0
0
1
1
1
1
0
1
1
1
0
1
0
X
0
X
High-Z
XR33156 (Full Duplex - 14 Pins)
Receiving
Inputs
Output
RINV
RE
DE
VA - VB
RO
0
0
X
≥ 200mV
1
0
0
X
≤ -200mV
0
0
0
X
Open/shorted
1
1
0
X
≥ 200mV
0
1
0
X
≤ -200mV
1
1
0
X
Open/shorted
1
X
1
1
X
High-Z
X
1
0
X
High-Z (shutdown)
XR33152 and XR33158 (Half Duplex - 8 Pins)
Receiving
Inputs
Output
INV
DE
VA - VB
RO
0
0
≥ 200mV
1
0
0
≤ -200mV
0
1
0
Open/shorted
1
1
0
≥ +200mV
0
1
0
≤ -200mV
1
1
0
Open/shorted
1


Similar Part No. - XR33156

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33156 EXAR-XR33156 Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HD-F EXAR-XR33156HD-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HDEVB EXAR-XR33156HDEVB Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156HDTR-F EXAR-XR33156HDTR-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
XR33156ID-F EXAR-XR33156ID-F Datasheet
775Kb / 21P
   60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
More results

Similar Description - XR33156

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR33053 EXAR-XR33053 Datasheet
625Kb / 16P
   TIA-485/TIA-422 Transceiver
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Integrated Device Techn...
GX32222 IDT-GX32222 Datasheet
76Kb / 2P
   Linear TIA
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Integrated Device Techn...
GX36220 IDT-GX36220 Datasheet
120Kb / 2P
   Linear TIA
logo
National Semiconductor ...
DS16F95A NSC-DS16F95A Datasheet
363Kb / 10P
   TIA/EIA-485-A (RS-485) Extended Temperature Differential Bus Transceiver
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
   5V Single Supply TIA/EIA-232 Dual Transceivers
logo
TriQuint Semiconductor
TIA56A TRIQUINT-TIA56A Datasheet
261Kb / 1P
   TIA for photoreceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com