Electronic Components Datasheet Search |
|
XR22802IL56TR-F Datasheet(PDF) 9 Page - Exar Corporation |
|
XR22802IL56TR-F Datasheet(HTML) 9 Page - Exar Corporation |
9 / 46 page © 2015 Exar Corporation XR22802 9 / 46 exar.com/XR22802 Rev 1B Functional Description USB Interface The XR22802 is a USB compound device with an embedded hub and 5 downstream functions. The downstream functions of the XR22802 are 10/100 Ethernet, two UART functions, an I2C function, and an Enhanced Dedicated GPIO Entity (EDGE) function. The upstream USB interface of the XR22802 is compliant with both USB 2.0 full and hi-speed specifica- tions. All functions downstream of the hub are hi-speed functions. The XR22802 will have a single vendor ID and vendor string. Each function in the XR22802 will have an individual product string and serial string. The default serial number strings will be based upon the uniquely assigned Ethernet MAC address for each XR22802 device. The serial strings for multiple functions within the same device will differ only by a single charac- ter which will be assigned a value between 0 and 7. All string and ID values can be overridden via OTP. The XR22802 can be placed into a low power or suspended state by the USB host. By default the XR22802 hub is config- ured for bus powered mode with a maximum power of 250 mA. All other functions in the XR22802 are configured for self- powered mode. In bus powered mode, the Ethernet Phy must be powered down during suspended state to meet USB sus- pend power requirements. The Ethernet Phy may remain enabled to support Ethernet remote wakeup during suspend if the device is self-powered and the OTP is modified to report the hub function as self-powered in the USB descriptors. See Ethernet Remote Wakeup section on page 11. Each function of the XR22802 supports one configuration and utilizes the following USB endpoints: • USB hub • Control endpoint • Interrupt-in endpoint • Ethernet function • Control endpoint • Interrupt-in endpoint • Bulk-in and bulk-out endpoints • I2C function • Control endpoint • Interrupt-in and interrupt-out endpoints • EDGE Controller function • Control endpoint • Interrupt-in and interrupt-out endpoints • UART function • Control endpoint • Interrupt-in endpoint • Bulk-in and bulk-out endpoints USB Vendor ID Exar’s USB vendor ID is 0x04E2. This is the default vendor ID that is used for the XR22802. Companies may obtain their own vendor ID, by becoming members of USB.org. The XR22802 OTP can then be modified to report this vendor ID in the USB descriptors. USB Product ID Each function in the XR22802 has an individual USB product ID. The default product IDs for each of the functions are shown in Table 1. These values can be modified by programming the OTP. Companies using their own vendor ID may also select their own product IDs. Additionally, upon request Exar will provide a selection of different product IDs for use with Exar’s vendor ID for companies that do not wish to become members of USB.org, but wish to use their own product ID. |
Similar Part No. - XR22802IL56TR-F |
|
Similar Description - XR22802IL56TR-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |