Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR28V382IL32-F Datasheet(PDF) 10 Page - Exar Corporation

Part # XR28V382IL32-F
Description  3.3V DUAL LPC UART WITH 128-BYTE FIFO
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR28V382IL32-F Datasheet(HTML) 10 Page - Exar Corporation

Back Button XR28V382IL32-F Datasheet HTML 6Page - Exar Corporation XR28V382IL32-F Datasheet HTML 7Page - Exar Corporation XR28V382IL32-F Datasheet HTML 8Page - Exar Corporation XR28V382IL32-F Datasheet HTML 9Page - Exar Corporation XR28V382IL32-F Datasheet HTML 10Page - Exar Corporation XR28V382IL32-F Datasheet HTML 11Page - Exar Corporation XR28V382IL32-F Datasheet HTML 12Page - Exar Corporation XR28V382IL32-F Datasheet HTML 13Page - Exar Corporation XR28V382IL32-F Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
XR28V382
10
3.3V DUAL LPC UART WITH 128-BYTE FIFO
REV. 1.0.1
1.4.2
Transmitter
The transmitter section comprises of an 8-bit Transmit Shift Register (TSR) and up to 128 bytes of FIFO which
includes a byte-wide Transmit Holding Register (THR). TSR shifts out every data bit with the internal sampling
clock. The transmitter sends the start bit followed by the number of data bits, inserts the proper parity bit if
enabled, and adds the stop bit(s). The status of the THR and TSR are reported in the Line Status Register
(LSR bit-5 and bit-6).
1.4.2.1
Transmit Holding Register (THR) - Write Only
The transmit holding register is an 8-bit register providing a data interface to the host processor. The host
writes transmit data byte to the THR to be converted into a serial data stream including start bit, data bits,
parity bit and stop bit(s). The least significant bit (Bit-0) becomes first data bit to go out. The THR is the input
register to the transmit FIFO of up to 128 bytes when FIFO operation is enabled by FCR bit-0. Every time a
write operation is made to the THR, the FIFO data pointer is automatically bumped to the next sequential data
location.
1.4.2.2
Transmitter Operation in non-FIFO Mode
The host loads transmit data to THR one character at a time. The THR empty flag (LSR bit-5) is set when the
data byte is transferred to TSR. THR flag can generate a transmit empty interrupt (ISR bit-1) when it is enabled
by IER bit-1. The TSR flag (LSR bit-6) is set when TSR becomes completely empty.
FIGURE 3. TRANSMITTER OPERATION IN NON-FIFO MODE
Transmit
Holding
Register
(THR)
Transmit Shift Register (TSR)
Data
Byte
L
S
B
M
S
B
THR Interrupt (ISR bit-1)
Enabled by IER bit-1
TXNOFIFO1
Clock


Similar Part No. - XR28V382IL32-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V382IL32-F EXAR-XR28V382IL32-F Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
More results

Similar Description - XR28V382IL32-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR28V382IL32-0A EXAR-XR28V382IL32-0A Datasheet
569Kb / 39P
   3.3V DUAL LPC UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A EXAR-XR28V384IM48-0A Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
XR28V384IM48-0A-EB EXAR-XR28V384IM48-0A-EB Datasheet
511Kb / 42P
   XR28V384 3.3V QUAD LPC UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com