Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1422IL40-F Datasheet(PDF) 2 Page - Exar Corporation

Part # XR21B1422IL40-F
Description  Enhanced 2-Ch Full-Speed USB UART
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1422IL40-F Datasheet(HTML) 2 Page - Exar Corporation

  XR21B1422IL40-F Datasheet HTML 1Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 2Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 3Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 4Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 5Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 6Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 7Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 8Page - Exar Corporation XR21B1422IL40-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
© 2014 Exar Corporation
XR21B1422
2 / 60
exar.com/XR21B1422
Rev 1A
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause perma-
nent damage to the device. Exposure to any Absolute Max-
imum Rating condition for extended periods may affect
device reliability and lifetime.
Supply Voltage (VCC_REG)......................................+5.75V
Supply Voltage (VCC, VIO)............................................+4V
Input Voltage (VBUS_SENSE).......................-0.3 to +5.75V
Input Voltage (All other pins)............................-0.3 to +5.6V
Junction Temperature.................................................125°C
Operating Conditions
Operating Temperature Range.....................-40°C to +85°C
Electrical Characteristics
Unless otherwise noted: TA = -40°C to +85°C, VCC_REG = +4.4V to +5.25V or +3.0V to +3.6V, VIO = +1.8V to +3.6V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Power
ICC
Power Supply Current
VCC_REG = +4.4V to +5.25V
15
23
mA
ISUSP
Lowpower Mode Current
0.85
1.25
mA
VOUT
Regulated Output Voltage (VCC pin)
VCC_REG = +4.4V to +5.25V.
Maximum output current = 200 mA including
the supply current of the XR21B1422.
33.3
3.6
V
UART, USB_STAT and GPIO Pins
VIL
Input Low Voltage
-0.3
0.25*
VIO
V
VIH
Input High Voltage
0.70*
VIO
5.5
V
VOL
Output Low Voltage
IOL = 1mA, VIO = +1.6V
0.3
V
IOL = 4mA, VIO = +3.6V
0.5
V
VOH
Output High Voltage
IOH = -400uA, VIO = +1.6V
1.3
VIO
V
IOH = -1.5mA, VIO = +3.6V
2.8
VIO
V
IIL
Input Low Leakage Current
VIO = +3V to +3.6V, VCC_REG = +4.4V to
+5.25V, VINPUT = 0V
±10
μA
IIH
Input High Leakage Current
VIO = +3V to +3.6V, VCC_REG = +4.4V to
+5.25V, VINPUT = +3.3V
±10
μA
VIO = +3V to +3.6V, VCC_REG = +4.4V to
+5.25V, VINPUT = +5.5V
±120
μA
CIN
Input Pin Capacitance
5pF


Similar Part No. - XR21B1422IL40-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
More results

Similar Description - XR21B1422IL40-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1420 EXAR-XR21B1420 Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21V1412 EXAR-XR21V1412 Datasheet
643Kb / 24P
   2-CH FULL-SPEED USB UART
XR21V1412IL-0A EXAR-XR21V1412IL-0A Datasheet
397Kb / 32P
   2-CH FULL-SPEED USB UART
XR21V1412 EXAR-XR21V1412_10 Datasheet
288Kb / 30P
   2-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com