Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR21B1420IL28-F Datasheet(PDF) 9 Page - Exar Corporation

Part # XR21B1420IL28-F
Description  Enhanced 1-Ch Full-Speed USB UART
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR21B1420IL28-F Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR21B1420IL28-F Datasheet HTML 5Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 6Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 7Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 8Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 9Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 10Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 11Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 12Page - Exar Corporation XR21B1420IL28-F Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
© 2014 Exar Corporation
XR21B1420
9 / 60
exar.com/XR21B1420
Rev 1A
USB Power Modes
The XR21B1420 device may be configured in any of the following power modes: bus-powered, self-powered 5V, or self-
powered 3.3V. In all three modes, the VBUS power signal from the USB host must be connected to the VBUS_SENSE pin
of the device.
The default power mode for the XR21B1420 is bus powered. In this mode, the USB device’s maximum power requirement
from the host must be specified. In this context, the USB device includes all components on the PCB that will draw power
from the USB host VBUS power. The default maximum power for the XR21B1420 is 100mA. This may be changed using
the Attributes field in the OTP.
Bus-Powered
In bus-powered mode, VBUS from the USB cable supplies 5V to the XR21B1420 device. The VCC pin will supply a 3.3V
output.
Figure 1: Bus-Powered Mode
Self-Powered 5V
In self-powered 5V mode, a local source provides 5V to the XR21B1420 device. The USB attributes should be changed in
the OTP to correctly report self-powered mode. The VCC pin will supply a 3.3V output.
Figure 2: Self-Powered 5V Mode
VCC_REG
VBUS_SENSE
XR21B1420
Dp
Dm
GND
VCC
VBUS
Dp
Dm
GND
USB Connector
VCC_REG
VBUS_SENSE
XR21B1420
Dp
Dm
GND
VCC
VBUS
Dp
Dm
GND
USB Connector
5V
Supply


Similar Part No. - XR21B1420IL28-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
More results

Similar Description - XR21B1420IL28-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR21B1411 EXAR-XR21B1411_17 Datasheet
2Mb / 32P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1420IL28-0A EXAR-XR21B1420IL28-0A Datasheet
522Kb / 60P
   Enhanced 1-Ch Full-Speed USB UART
XR21B1411IL-0A-EB EXAR-XR21B1411IL-0A-EB Datasheet
796Kb / 30P
   ENHANCED 1-CH FULL-SPEED USB UART
XR21B1422 EXAR-XR21B1422 Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424_17 Datasheet
976Kb / 64P
   Enhanced 4-Ch Full-Speed USB UART
XR21B1422IL40-0A EXAR-XR21B1422IL40-0A Datasheet
517Kb / 60P
   Enhanced 2-Ch Full-Speed USB UART
XR21B1424 EXAR-XR21B1424 Datasheet
512Kb / 61P
   Enhanced 4-Ch Full-Speed USB UART
XR21V1410IL16-F EXAR-XR21V1410IL16-F Datasheet
278Kb / 28P
   1-CH FULL-SPEED USB UART
XR21V1410IL-0C-EB EXAR-XR21V1410IL-0C-EB Datasheet
381Kb / 30P
   1-CH FULL-SPEED USB UART
XR21V1410 EXAR-XR21V1410 Datasheet
623Kb / 23P
   1-CH FULL-SPEED USB UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com