Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4140CCMX-1.0 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4140CCMX-1.0
Description  High Precision Low Noise Low Dropout Voltage
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4140CCMX-1.0 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4140CCMX-1.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4140CCMX-1.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Maximum Voltage on any Input pin
−0.3V to 5.6V
Output Short-Circuit Duration
Indefinite
Power Dissipation (T
A = 25˚C)
(Note 2)
345mW
ESD Susceptibility (Note 3)
Human Body Model
Machine Model
2kV
200V
Lead Temperature:
Soldering, (10 sec.)
+260˚C
Operating Range (Note 1)
Storage Temperature Range
−65˚C to +150˚C
Ambient Temperature Range
0˚C to 70˚C
Junction Temperature Range
0˚C to 80˚C
LM4140
Electrical Charateristics
Unless otherwise specified, V
IN = 3.0V for the LM4140-1.024 and LM4140-1.250, VIN = 5.0V for all other voltage options, VEN
=V
IN.COUT = 1µF (Note 4), ILOAD = 1mA, TA =TJ = 25˚C. Limits with standard typeface are for TA = 25˚C, and limits in
boldface type apply over 0˚C to 70˚C temperature range.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
REF
Output Voltage Initial
Accuracy (Note 7)
LM4140B-1.024
LM4140B-1.250
LM4140B-2.048
LM4140B-2.500
LM4140B-4.096
±0.1
%
LM4140C-1.024
LM4140C-1.250
LM4140C-2.048
LM4140C-2.500
LM4140C-4.096
±0.1
TCV
REF/˚C
Temperature Coefficient:
A Grade
B Grade
C Grade
0˚C
≤ T
A ≤ + 70˚C
3
6
10
ppm/˚C
∆V
REF/∆VIN
Line Regulation
ppm/V
1.024V and 1.250V options
1.8V
≤ V
IN ≤ 5.5V
50
300
350
All other voltage options
V
ref + 200mV ≤ VIN
5.5V
20
200
250
∆V
REF/∆ILOAD
Load Regulation
1 mA
≤ I
LOAD ≤ 8mA
ppm/mA
All other voltage options
1
20
150
4.096V Option
5
35
150
∆V
REF
Long-Term Stability
1000 Hrs
60
ppm
∆V
REF
Thermal Hysteresis (Note
8)
0˚C
≤ T
A ≤ + 70˚C
20
ppm
www.national.com
3


Similar Part No. - LM4140CCMX-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140CCMX-1.0 NSC-LM4140CCMX-1.0 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140CCMX-1.0/NOPB TI-LM4140CCMX-1.0/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
More results

Similar Description - LM4140CCMX-1.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4140 TI-LM4140_15 Datasheet
1Mb / 23P
[Old version datasheet]   High Precision Low Noise Low Dropout Voltage Reference
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
logo
Nisshinbo Micro Devices...
RX5RZ NISSHINBO-RX5RZ Datasheet
716Kb / 20P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
ams AG
AS13986 AMSCO-AS13986 Datasheet
650Kb / 13P
   Dual Low-Noise, Low-Dropout Voltage Regulator
logo
RICOH electronics devic...
RX5RZ RICOH-RX5RZ Datasheet
552Kb / 19P
   LOW DROPOUT AND LOW NOISE VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX6070 MAXIM-MAX6070_V01 Datasheet
6Mb / 26P
   Low-Noise, High-Precision Series Voltage References
2020
MAX6070 MAXIM-MAX6070 Datasheet
2Mb / 24P
   Low-Noise, High-Precision Series Voltage References
Rev 2; 3/13
MAX6070 MAXIM-MAX6070_19 Datasheet
5Mb / 26P
   Low-Noise, High-Precision Series Voltage References
19-6355; Rev 12; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com