Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54HC04FK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54HC04FK
Description  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SNJ54HC04FK Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNJ54HC04FK Datasheet HTML 3Page - Texas Instruments SNJ54HC04FK Datasheet HTML 4Page - Texas Instruments SNJ54HC04FK Datasheet HTML 5Page - Texas Instruments SNJ54HC04FK Datasheet HTML 6Page - Texas Instruments SNJ54HC04FK Datasheet HTML 7Page - Texas Instruments SNJ54HC04FK Datasheet HTML 8Page - Texas Instruments SNJ54HC04FK Datasheet HTML 9Page - Texas Instruments SNJ54HC04FK Datasheet HTML 10Page - Texas Instruments SNJ54HC04FK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
From Output
Under Test
C = 50 pF
(see Note A)
L
LOAD CIRCUIT
Test
Point
VOLTAGE WAVEFORMS
INPUT RISE AND FALL TIMES
Input
90%
90%
50%
50%
10%
10%
tf
tr
0 V
VCC
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
tPLH
tPLH
tPHL
tPHL
Input
In-Phase
Output
Out-of-Phase
Output
90%
90%
90%
50%
10%
10%
10%
50%
50%
50%
50%
tf
tf
tr
90%
10%
50%
tr
VCC
VOL
VOH
VOH
0 V
VOL
SN54HC04, SN74HC04
www.ti.com
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
7 Parameter Measurement Information
A.
C L includes probe and test-fixture capacitance.
B.
Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having
the following characteristics: PRR
≤ MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C.
The outputs are measured one at a time with one input transition per measurement.
D.
tPLH and tPHL are the same as tpd.
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54HC04 SN74HC04


Similar Part No. - SNJ54HC04FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54HC04FK TI-SNJ54HC04FK Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SNJ54HC04FK TI1-SNJ54HC04FK Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SNJ54HC04FK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com