Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI3447BDV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3447BDV
Description  P-Channel 12-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3447BDV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3447BDV Datasheet HTML 1Page - Vishay Siliconix SI3447BDV Datasheet HTML 2Page - Vishay Siliconix SI3447BDV Datasheet HTML 3Page - Vishay Siliconix SI3447BDV Datasheet HTML 4Page - Vishay Siliconix SI3447BDV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si3447BDV
Vishay Siliconix
www.vishay.com
4
Document Number: 72020
S-40424—Rev. B, 15-Mar-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
50
10
Single Pulse Power
Time (sec)
20
10−3
10−2
1
10
600
10−1
10−4
100
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
−50
−25
0
25
50
75
100
125
150
ID = 100 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 90_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
1
100
600
10
10−1
10−2
10−3
30
40
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25_C
Single Pulse
P(t) = 10
dc
0.1
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
P(t) = 1
P(t) = 0.1
P(t) = 0.01
P(t) = 0.001


Similar Part No. - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3447 FAIRCHILD-SI3447 Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
Vishay Siliconix
SI3447CDV VISHAY-SI3447CDV Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
SI3447CDV-T1-E3 VISHAY-SI3447CDV-T1-E3 Datasheet
139Kb / 7P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 04-Feb-08
logo
VBsemi Electronics Co.,...
SI3447CDV-T1-GE3 VBSEMI-SI3447CDV-T1-GE3 Datasheet
440Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Fairchild Semiconductor
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results

Similar Description - SI3447BDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com