Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7724H Datasheet(PDF) 69 Page - NXP Semiconductors

Part # SAA7724H
Description  Car radio digital signal processor
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7724H Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button SAA7724H Datasheet HTML 65Page - NXP Semiconductors SAA7724H Datasheet HTML 66Page - NXP Semiconductors SAA7724H Datasheet HTML 67Page - NXP Semiconductors SAA7724H Datasheet HTML 68Page - NXP Semiconductors SAA7724H Datasheet HTML 69Page - NXP Semiconductors SAA7724H Datasheet HTML 70Page - NXP Semiconductors SAA7724H Datasheet HTML 71Page - NXP Semiconductors SAA7724H Datasheet HTML 72Page - NXP Semiconductors SAA7724H Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
2003 Nov 18
69
Philips Semiconductors
Preliminary specification
Car radio digital signal processor
SAA7724H
Table 30 IIC_SPDIF_STAT status register (0FF9h)
13
en_ifp_iis_bck
0
enable ifp_iis_bck
0: disable
1: enable
12
iboc_mode
0
selects outputs of IF decimation paths to come out at IFP_IIS ports
0: disable
1: enable
11 to 9
ext_host_io_
format2[2:0]
000
input data format for EXT_IIS2 port; see Table 10
8 to 6
ext_host_io_
format1[2:0]
000
input data format for EXT_IIS1 port; see Table 10
5
en_host_io
0
port output enable for IIS_OUT port
0: disable. IIS_OUT1, IIS_OUT2 and IIS_OUT3 set to zero;
IIS_WS and IIS_BCK 3-stated
1: all pins enabled
4 to 2
host_io_format[2:0]
000
host input/output data format for I2S-bus port; see Table 12
1
−−
not used
0
en_256FS
0
256
× fs clock output
0: disable
1: enable
BIT
SYMBOL
DEFAULT
DESCRIPTION
23 to 17
−−
not used
16
IFP_Status
IFP_Status
0: disabled
1: enabled
15 and 14
−−
not used
13 and 12
SPDIF2_
accuracy[1:0]
accuracy of sampling frequency of SPDIF2 channel
00: level II
10: level III
01: level I
11: reserved
11 and 10
SPDIF2_fs[1:0]
-
audio sampling frequency of SPDIF2 channel
00: 44.1 kHz
10: 48 kHz
01: reserved
11: 32 kHz
9
SPDIF2_emphasis
equalization of SPDIF2 channel
0: no pre-emphasis present
1: 50/15
µs pre-emphasis present
BIT
SYMBOL
DEFAULT
DESCRIPTION


Similar Part No. - SAA7724H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
More results

Similar Description - SAA7724H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com