Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7724H Datasheet(PDF) 63 Page - NXP Semiconductors

Part # SAA7724H
Description  Car radio digital signal processor
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7724H Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button SAA7724H Datasheet HTML 59Page - NXP Semiconductors SAA7724H Datasheet HTML 60Page - NXP Semiconductors SAA7724H Datasheet HTML 61Page - NXP Semiconductors SAA7724H Datasheet HTML 62Page - NXP Semiconductors SAA7724H Datasheet HTML 63Page - NXP Semiconductors SAA7724H Datasheet HTML 64Page - NXP Semiconductors SAA7724H Datasheet HTML 65Page - NXP Semiconductors SAA7724H Datasheet HTML 66Page - NXP Semiconductors SAA7724H Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
2003 Nov 18
63
Philips Semiconductors
Preliminary specification
Car radio digital signal processor
SAA7724H
11.3
Reset initialization
With a synchronous reset the SAA7724H will turn to their
idle position (state 0), the address counter is set to zero
and the SDA_OUT line remains high-impedance. For the
SDA line an asynchronous reset is also implemented
which is connected directly to the RESET pin. During the
asynchronous reset period the internal SDA_OUT line
remains HIGH which results in a high-impedance SDA
line. These two resets should have an overlap to have a
proper initialization. It is also possible to reset the internal
I2C-bus registers separately, and these registers will be
set to their default values.
11.4
Defined I2C-bus address
The I2C-bus address is defined for location: 001110P; the
least significant bit is a programmable bit with the external
pin A0_pin. Two possible options are available with this
pin:
• If A0 = 0 the following addresses are available:
– Write: 00111000 = 38h
– Read: 00111001 = 39h.
• If A0 = 1 the following addresses are available:
– Write: 00111010 = 3Ah
– Read: 00111011 = 3Bh.
11.5
I2C-bus memory map specification
The I2C-bus memory map contains all defined I2C-bus bits
related to RDS, SRC and EPICS control and allocates
EPICS, SRC and IFP RAM sizes.
The memory spaces belonging to the AUDIO_EPICS are
referred to as EPICS registers, and memory spaces
belonging to the SRC/RDS EPICS are referred to as SRC
registers.
The RDS registers control the RDS1 and RDS2 blocks
simultaneously while providing each RDS1 and RDS2
block with its own decoded data and status registers: the
memory map is given in Table 21. Detailed memory map
locations of the hardware registers related to the I2C-bus
EPICS control are given in Table 23 and the I2C-bus RDS
control are given in Table 24.
Table 21 I2C-bus memory map; notes 1 and 2
BLOCK
START (HEX)
END (HEX)
NAME
NUMBER OF
WORDS
× BIT
WIDTH
(DEBUG PART)
ACCESS
E000
FFFF
not used
−−
SRC
B880
DFFF
reserved
−−
SRC
B800
B87F
SRC_YRAM
128
× 12
R/W
SRC
B000
B7FF
reserved
−−
SRC
AFFF
AFFF
IIC_SRC_PC
1
× 24
R/W
SRC
AFFE
AFFE
IIC_SRC_STAT
1
× 24
R/W
SRC
A300
AFFD
reserved
−−
SRC
A000
A2FF
SRC_XRAM
768
× 24
R/W
9000
9FFF
reserved
−−
6030
8FFF
not used
−−
Global
602F
602F
IIC_DSP_CTR
1
× 24
R/W
6010
602E
not used
−−
RDS
6000
600F
RDS 1 and 2
registers
12
× 16
see Table 24
EPICS
5FFF
5FFF
IIC_SILICON_ID
1
× 32
read
EPICS
4000
5FFE
reserved
−−
3000
3FFF
not used
−−
IFP
2C64
2FFF
IFP registers
all 16-bit width
R/W


Similar Part No. - SAA7724H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7710T PHILIPS-SAA7710T Datasheet
187Kb / 28P
   Dolby* Pro Logic Surround; Incredible Sound
1998 Mar 13
More results

Similar Description - SAA7724H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
   Car Radio Digital Signal Processor
1998 May 19
SAA7705H PHILIPS-SAA7705H Datasheet
1Mb / 60P
   Car radio Digital Signal Processor DSP
1999 Aug 16
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
   Car radio Digital Signal Processor CDSP
1997 May 30
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
   Car radio Digital Signal Processor (DSP)
2001 Mar 05
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com