Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3305CDGKR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT3305CDGKR
Description  DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3305CDGKR Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3305CDGKR Datasheet HTML 1Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 2Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 3Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 4Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 5Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 6Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 7Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 8Page - Texas Instruments SN74CBT3305CDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
D, DGK, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OE
1A
1B
GND
VCC
2OE
2B
2A
DESCRIPTION/ORDERING INFORMATION
SN74CBT3305C
DUAL FET BUS SWITCH
5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION
SCDS125B – SEPTEMBER 2003 – REVISED AUGUST 2005
Undershoot Protection for OFF Isolation on A
Control Inputs Can Be Driven by TTL or
and B Ports up to –2 V
5-V/3.3-V CMOS Outputs
Bidirectional Data Flow With Near-Zero
I
off Supports Partial-Power-Down Mode
Propagation Delay
Operation
Low ON-State Resistance (r
on) Characteristics
Latch-Up Performance Exceeds 100 mA Per
(r
on = 3 Ω Typ)
JESD 78, ClassII
Low Input/Output Capacitance Minimizes
ESD Performance Tested Per JESD 22
Loading and Signal Distortion
– 2000-V Human-Body Model
(C
io(OFF) = 5 pF Typ)
(A114-B, Class II)
Data and Control Inputs Provide Undershoot
– 1000-V Charged-Device Model (C101)
Clamp Diodes
Supports Both Digital and Analog
Low Power Consumption
Applications: USB Interface, Bus Isolation,
(I
CC = 3 µA Max)
Low-Distortion Signal Gating
V
CC Operating Range From 4 V to 5.5 V
xxx
xxx
Data I/Os Support 0- to 5-V Signaling Levels
(0.8 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V, 5 V)
The SN74CBT3305C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron), allowing
for minimal propagation delay. Active undershoot-protection circuitry on the A and B ports of the device provides
protection for undershoot up to –2 V by sensing an undershoot event and ensuring that the switch remains in the
proper OFF state.
The SN74CBT3305C is organized as two 1-bit bus switches with separate output-enable (1OE, 2OE) inputs. It
can be used as two 1-bit bus switches or as one 2-bit bus switch. When OE is high, the associated 1-bit bus
switch is ON, and the A port is conncected to the B port, allowing bidirectional data flow between ports. When
OE is low, the associated 1-bit bus switch is OFF, and the high-impedance state exists between the A and B
ports.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube
SN74CBT3305CD
SOIC – D
CU305C
Tape and reel
SN74CBT3305CDR
–40
°C to 85°C
VSSOP – DGK
Tape and reel
SN74CBT3305CDGKR
SNR
Tube
SN74CBT3305CPW
TSSOP – PW
CU305C
Tape and reel
SN74CBT3305CPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74CBT3305CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3305CD TI-SN74CBT3305CD Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
SN74CBT3305CDR TI-SN74CBT3305CDR Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT3305CDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI1-SN74CBT3125C_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH-2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com