Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3305CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBT3305CDR
Description  DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3305CDR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CBT3305CDR Datasheet HTML 1Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 2Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 3Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 4Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 5Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 6Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 7Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 8Page - Texas Instruments SN74CBT3305CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1A
1OE
SW
1B
2A
2OE
SW
2B
2
1
5
7
3
6
A
EN(1)
B
(1) EN is the internal enable signal applied to the switch.
Undershoot-
Protection Circuit
SN74CBT3305C
DUAL FET BUS SWITCH
5-V BUS SWITCH WITH –2-V UNDERSHOOT PROTECTION
SCDS125B – SEPTEMBER 2003 – REVISED AUGUST 2005
This device is fully specified for partial-power-down application using Ioff. The Ioff feature ensures that damaging
current will not backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
FUNCTION TABLE
(EACH BUS SWITCH)
INPUT
INPUT/OUTPUT
FUNCTION
OE
A
H
B
A port = B port
L
Z
Disconnect
LOGIC DIAGRAM (POSITIVE LOGIC)
SIMPLIFIED SCHEMATIC, EACH FET SWITCH (SW)
2


Similar Part No. - SN74CBT3305CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3305CDR TI-SN74CBT3305CDR Datasheet
202Kb / 9P
[Old version datasheet]   DUALFET BUS SWICH 5-V BUS SWITCH -2-V UNDERSHOOT PROTECTION
More results

Similar Description - SN74CBT3305CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3306C TI1-SN74CBT3306C Datasheet
570Kb / 14P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT3125C TI-SN74CBT3125C_08 Datasheet
830Kb / 19P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT3125C TI1-SN74CBT3125C_15 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH 5-V BUS SWITCH-2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com