Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54F242 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54F242
Description  QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54F242 Datasheet(HTML) 3 Page - Texas Instruments

  SN54F242_08 Datasheet HTML 1Page - Texas Instruments SN54F242_08 Datasheet HTML 2Page - Texas Instruments SN54F242_08 Datasheet HTML 3Page - Texas Instruments SN54F242_08 Datasheet HTML 4Page - Texas Instruments SN54F242_08 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SN54F242, SN74F242
QUADRUPLE BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SDFS062A − D2932, MARCH 1987 − REVISED OCTOBER 1993
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
−30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the disabled or power-off state
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: SN54F242
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F242
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54F242
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F242
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.
recommended operating conditions
SN54F242
SN74F242
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
−18
−18
mA
IOH
High-level output current
−12
−15
mA
IOL
Low-level output current
48
64
mA
TA
Operating free-air temperature
−55
125
0
70
°C


Similar Part No. - SN54F242_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F242 TI-SN54F242 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54F242_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F242 TI-SN54F242 Datasheet
75Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS243A TI1-SN54ALS243A_15 Datasheet
346Kb / 11P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI-SN54F243 Datasheet
74Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54F243 TI1-SN54F243_08 Datasheet
90Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS243A TI-SN54ALS243A Datasheet
85Kb / 5P
[Old version datasheet]   QUADRUPLE BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LS242 RENESAS-HD74LS242 Datasheet
190Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
HD74LS243 RENESAS-HD74LS243 Datasheet
184Kb / 7P
   Quadruple Bus Transceivers (with three-state outputs)
logo
Hitachi Semiconductor
HD74LS243 HITACHI-HD74LS243 Datasheet
55Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
HD74LS242 HITACHI-HD74LS242 Datasheet
58Kb / 6P
   Quadruple Bus Transceivers(with three-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com