Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AS808BJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN54AS808BJ
Description  HEX 2-INPUT AND DRIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AS808BJ Datasheet(HTML) 1 Page - Texas Instruments

  SN54AS808BJ Datasheet HTML 1Page - Texas Instruments SN54AS808BJ Datasheet HTML 2Page - Texas Instruments SN54AS808BJ Datasheet HTML 3Page - Texas Instruments SN54AS808BJ Datasheet HTML 4Page - Texas Instruments SN54AS808BJ Datasheet HTML 5Page - Texas Instruments SN54AS808BJ Datasheet HTML 6Page - Texas Instruments SN54AS808BJ Datasheet HTML 7Page - Texas Instruments SN54AS808BJ Datasheet HTML 8Page - Texas Instruments SN54AS808BJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54AS808B, SN74AS808B
HEX 2INPUT AND DRIVERS
SDAS018C − DECEMBER 1982 − REVISED JANUARY 1995
Copyright
1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
High Capacitive-Drive Capability
Typical Delay Time of 3.2 ns (C
L = 50 pF)
and Typical Power Dissipation of Less
Than 13 mW Per Gate
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These devices contain six independent 2-input
AND drivers. They perform the Boolean functions
Y = A
• B or Y = A + B in positive logic.
The SN54AS808B is characterized for operation
over the full military temperature range of − 55
°C
to 125
°C. The SN74AS808B is characterized for
operation from 0
°C to 70°C.
FUNCTION TABLE
(each driver)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
H
L
XL
X
L
L
logic symbol
logic diagram (positive logic)
1
1A
2
1B
4
2A
5
2B
7
3A
8
3B
12
4A
13
4B
&
1Y
3
2Y
6
3Y
9
4Y
11
15
5A
16
5B
18
6A
19
6B
5Y
14
6Y
17
1Y
3
1
1A
2
1B
2Y
6
4
2A
5
2B
3Y
9
7
3A
8
3B
4Y
11
12
4A
13
4B
5Y
14
15
5A
16
5B
6Y
17
18
6A
19
6B
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1A
1B
1Y
2A
2B
2Y
3A
3B
3Y
GND
VCC
6B
6A
6Y
5B
5A
5Y
4B
4A
4Y
SN54AS808B ...J PACKAGE
SN74AS808B . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6A
6Y
5B
5A
5Y
2A
2B
2Y
3A
3B
SN54AS808B...FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN54AS808BJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS808BJ TI-SN54AS808BJ Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
More results

Similar Description - SN54AS808BJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F808 PHILIPS-74F808 Datasheet
74Kb / 8P
   Hex 2-input AND drivers
1991 Jan 02
logo
Texas Instruments
SN54AS808B TI-SN54AS808B Datasheet
80Kb / 5P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS805A TI1-SN54ALS805A_16 Datasheet
659Kb / 15P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
logo
Texas Instruments
SN54ALS1804A TI-SN54ALS1804A Datasheet
59Kb / 4P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54ALS804A TI-SN54ALS804A Datasheet
439Kb / 13P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com