Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM536023QPWPRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM536023QPWPRQ1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM536023QPWPRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  LM536023QPWPRQ1 Datasheet HTML 1Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM536023QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
LM53602-Q1, LM53603-Q1
SNVSA42B – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. Values given
are D.C.
(2)
A maximum of 42 V can be sustained at this pin for a duration of
≤ 500 ms at a duty cycle of ≤ 0.01%.
(3)
Transients on this pin, not exceeding –3 V or +40 V, can be tolerated for a duration of
≤ 100 ns. For transients between 40 V and 42 V,
see note (2).
(4)
Positive current flows into this pin.
(5)
A transient voltage of ±2 V can be sustained for
≤1 µs.
7 Specifications
7.1 Absolute Maximum Ratings
over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VIN to AGND, PGND(2)
–0.3
40
V
SW to AGND, PGND(3)
–0.3
VIN + 0.3
V
CBOOT to SW
–0.3
3.6
V
EN to AGND, PGND(2)
–0.3
40
V
BIAS to AGND, PGND
–0.3
16
V
FB to AGND, PGND : fixed 5 V and 3.3 V
–0.3
16
V
FB to AGND, PGND : ADJ
–0.3
5.5
V
RESET to AGND, PGND
–0.3
8
V
SYNC, FPWM, to AGND, PGND
–0.3
5.5
V
VCC to AGND, PGND
–0.3
4.2
V
RESET Pin Current(4)
–0.1
1.2
mA
AGND to PGND(5)
–0.3
0.3
V
Storage temperature, Tstg
–40
150
°C
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
VIN, SW, CBOOT
±1500
V
EN, BIAS, RESET, FB,
SYNC, PWM, VCC
±2500
Charged-device model (CDM), per AEC Q100-011
CBOOT, VCC, BIAS, SYNC,
FPWM, EN, VIN
±750
SW, RESET, FB, PGND
±500


Similar Part No. - LM536023QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM536023QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com