Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53602-Q1 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM53602-Q1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602-Q1 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM53602-Q1 Datasheet HTML 19Page - Texas Instruments LM53602-Q1 Datasheet HTML 20Page - Texas Instruments LM53602-Q1 Datasheet HTML 21Page - Texas Instruments LM53602-Q1 Datasheet HTML 22Page - Texas Instruments LM53602-Q1 Datasheet HTML 23Page - Texas Instruments LM53602-Q1 Datasheet HTML 24Page - Texas Instruments LM53602-Q1 Datasheet HTML 25Page - Texas Instruments LM53602-Q1 Datasheet HTML 26Page - Texas Instruments LM53602-Q1 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D032
7 Vin
12 Vin
18 Vin
Output Current (A)
0.5
1
1.5
2
2.5
3
0
0.5
1
1.5
2
2.5
3
D033
7 Vin
12 Vin
18 Vin
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
80
90
100
110
120
130
140
150
Ambient Temperature (C)
LM53603,
3.3V
LM53603,
5V
LM53602,
3.3V
LM53602,
5V
C006
Board Area (mm2)
0
500
1000
1500
2000
2500
3000
20
25
30
35
40
45
50
D024
0.5 W
1 W
2 W
23
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
inner layers are 1 oz. (35µm), while the outer layers are 2 oz. (70µm). A typical curve of maximum load current
versus ambient temperature, for both the LM53603-Q1 and LM53602-Q1, is shown in Figure 18. This data was
taken with the device soldered to a PCB with an RθJA of about 17°C/W and an input voltage of 12 V. It must be
remembered that the data shown in these graphs are for illustration only and the actual performance in any given
application will depend on all of the factors mentioned above.
Figure 17. RθJA versus Copper Board Area
Figure 18. Maximum Output Current versus Ambient
Temperature
RθJA = 17°C/W, VIN = 12V
Figure 19. IC Power Dissipation versus Output Current for
3.3V output
Figure 20. IC Power Dissipation versus Output Current for
5V output


Similar Part No. - LM53602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM53602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com