Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM53602-Q1 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM53602-Q1
Description  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM53602-Q1 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM53602-Q1 Datasheet HTML 18Page - Texas Instruments LM53602-Q1 Datasheet HTML 19Page - Texas Instruments LM53602-Q1 Datasheet HTML 20Page - Texas Instruments LM53602-Q1 Datasheet HTML 21Page - Texas Instruments LM53602-Q1 Datasheet HTML 22Page - Texas Instruments LM53602-Q1 Datasheet HTML 23Page - Texas Instruments LM53602-Q1 Datasheet HTML 24Page - Texas Instruments LM53602-Q1 Datasheet HTML 25Page - Texas Instruments LM53602-Q1 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
OUT
JA
A
J
OUT
V
1
1
R
T
T
I
˜
K
K
˜
T
22
LM53602-Q1, LM53603-Q1
SNVSA42B – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 6. Recommenced Inductors
MANUFACTURER
PART NUMBER
SATURATION
CURRENT
D.C. RESISTANCE
Würth
7440650022
6 A
15 m
Ω
Coilcraft
DO3316T-222MLB
7.8 A
11 m
Ω
Coiltronics
MPI4040R3-2R2-R
7.9 A
48 m
Ω
Vishay
IHLP2525CZER2R2M01
14 A
18 m
Ω
Vishay
IHLP2525BDER2R2M01
14 A
28 m
Ω
Coilcraft
XAL6030-222ME
16 A
13 m
Ω
9.2.2.5 VCC
The VCC pin is the output of the internal LDO, used to supply the control circuits of the LM53603-Q1. This output
requires a 3.3 µF to 4.7µF, ceramic capacitor connected from VCC to GND for proper operation. An X7R device
with a rating of 10 V is highly recommended. In general this output should not be loaded with any external
circuitry. However, it can be used to supply a logic level to the FPWM input, or for the pull-up resistor used with
the RESET output (see Figure 16 ). The nominal output of the LDO is 3.15 V.
9.2.2.6 BIAS
The BIAS pin is the input to the internal LDO. As mentioned in Input Supply Current, this input is connected to
VOUT in order to provide the lowest possible supply current at light loads. Since this input is connected directly to
the output, it should be protected from negative voltage transients. Such transients may occur when the output is
shorted at the end of a long PCB trace or cable. If this is likely, in a given application, then a small resistor
should be placed in series between the BIAS input and VOUT, as shown in Figure 15. The resistor should be
sized to limit the current out of the BIAS pin to <100 mA. Values in the range of 2
Ω to 5 Ω are usually sufficient.
Values greater than 5
Ω are not recommended. As a rough estimate, assume that the full negative transient will
appear across RBIAS, and design for a current of < 100 mA. In severe cases, a Schottky diode can be placed in
parallel with the output to limit the transient voltage and current.
9.2.2.7 CBOOT
The LM53603-Q1 requires a "boot-strap" capacitor between the CBOOT pin and the SW pin. This capacitor
stores energy that is used to supply the gate drivers for the power MOSFETs. A ceramic capacitor of 0.47 µF,
≥6.3 V is required. A 10V rated capacitor or higher is highly recommended.
9.2.2.8 Maximum Ambient Temperature
As with any power conversion device, the LM53603-Q1 will dissipate internal power while operating. The effect of
this power dissipation is to raise the internal temperature of the converter, above ambient. The internal die
temperature (TJ) is a function of the ambient temperature, the power loss and the effective thermal resistance,
RθJA of the device and PCB combination. The maximum internal die temperature for the LM53603-Q1 is 150°C,
thus establishing a limit on the maximum device power dissipation and therefore load current at high ambient
temperatures. Equation 5 shows the relationships between the important parameters.
(5)
It is easy to see that larger ambient temperatures (TA) and larger values of RθJA will reduce the maximum
available output current. As stated in SPRA953, the values given in the Thermal Information table are not valid
for design purposes and must not be used to estimate the thermal performance of the application. The values
reported in that table were measured under a specific set of conditions that are never obtained in an actual
application. The effective RθJA is a critical parameter and depends on many factors such as power dissipation, air
temperature, PCB area, copper heat-sink area, number of thermal vias under the package, air flow, and adjacent
component placement. The LM53603-Q1 utilizes an advanced package with a heat spreading pad (EP) on the
bottom. This must be soldered directly to the PCB copper ground plane to provide an effective heat-sink, as well
as a proper electrical connection. The resources found in Table 9 can be used as a guide to optimal thermal
PCB design and estimating RθJA for a given application environment. A typical example of RθJA versus copper
board area is shown in Figure 17. The copper area in this graph is that for each layer of a four layer board; the


Similar Part No. - LM53602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM53602 TI1-LM53602 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPR TI1-LM53602AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53602AMPWPT TI1-LM53602AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Similar Description - LM53602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com