Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5175RHFR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5175RHFR
Description  42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5175RHFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5175RHFR Datasheet HTML 7Page - Texas Instruments LM5175RHFR Datasheet HTML 8Page - Texas Instruments LM5175RHFR Datasheet HTML 9Page - Texas Instruments LM5175RHFR Datasheet HTML 10Page - Texas Instruments LM5175RHFR Datasheet HTML 11Page - Texas Instruments LM5175RHFR Datasheet HTML 12Page - Texas Instruments LM5175RHFR Datasheet HTML 13Page - Texas Instruments LM5175RHFR Datasheet HTML 14Page - Texas Instruments LM5175RHFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
VOUT (1V/div)
COMP (1V/div)
VIN (10V/div)
IL (5A/div)
5ms/div
VOUT (500mV/div)
IL (5A/div)
500 µs/div
VOUT (500 mV/div ac)
IL (5A/div)
500 µs/div
VOUT (500mV/div)
IL (5A/div)
500 µs/div
SW1 (20V/div)
IL (5A/div)
5 µs/div
SW2 (10V/div)
VOUT (200mV/div ac)
SW1 (20V/div)
IL (5A/div)
5 µs/div
SW2 (10V/div)
VOUT (200mV/div ac)
11
LM5175
www.ti.com
SNVSA37A – OCTOBER 2015 – REVISED MAY 2016
Product Folder Links: LM5175
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise stated.
VOUT=12 V
VIN=6 V
Figure 13. Forced CCM Operation (Boost)
VOUT=12 V
VIN=12 V
Figure 14. Forced CCM Operation (Buck-Boost)
VIN=24 V
VOUT=12 V
Load 2A to 4A
Figure 15. Load Step (Buck)
VIN=6 V
VOUT=12 V
Load 2A to 4A
Figure 16. Load Step (Boost)
VIN=12 V
VOUT=12 V
Load 2A to 4A
Figure 17. Load Step (Buck-Boost)
VIN=8 V to 24 V
VOUT=12 V
IOUT=1A
Figure 18. Line Transient


Similar Part No. - LM5175RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175QPWPRQ1 TI1-LM5175QPWPRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175QPWPTQ1 TI1-LM5175QPWPTQ1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
More results

Similar Description - LM5175RHFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
[Old version datasheet]   55-V Wide VIN synchronous 4-switch buck-boost controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
[Old version datasheet]   30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
[Old version datasheet]   55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936-Q1 TI1-LM34936-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   30-V Wide VIN Synchronous Four-Switch Buck-Boost Controller
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
[Old version datasheet]   LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
LM5177 TI-LM5177 Datasheet
2Mb / 52P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
[Old version datasheet]   LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com