Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5101 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5101
Description  High Voltage High Side and Low Side Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101 Datasheet(HTML) 5 Page - Texas Instruments

  LM5101 Datasheet HTML 1Page - Texas Instruments LM5101 Datasheet HTML 2Page - Texas Instruments LM5101 Datasheet HTML 3Page - Texas Instruments LM5101 Datasheet HTML 4Page - Texas Instruments LM5101 Datasheet HTML 5Page - Texas Instruments LM5101 Datasheet HTML 6Page - Texas Instruments LM5101 Datasheet HTML 7Page - Texas Instruments LM5101 Datasheet HTML 8Page - Texas Instruments LM5101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NRND
LM5100, LM5101
www.ti.com
SNVS267C – MAY 2004 – REVISED MARCH 2005
Electrical Characteristics (continued)
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO .
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
VDDH
VDD Threshold Hysteresis
0.5
V
VHBR
HB Rising Threshold
5.7
6.6
7.1
V
VHBH
HB Threshold Hysteresis
0.4
V
BOOT STRAP DIODE
VDL
Low-Current Forward Voltage
IVDD-HB = 100 µA
0.6
0.9
V
VDH
High-Current Forward Voltage
IVDD-HB = 100 mA
0.85
1.1
V
RD
Dynamic Resistance
IVDD-HB = 100 mA
0.8
1.5
LO GATE DRIVER
VOLL
Low-Level Output Voltage
ILO = 100 mA
0.23
0.4
V
VOHL
High-Level Output Voltage
ILO = −100 mA,
0.35
0.55
V
VOHL = VDD–VLO
IOHL
Peak Pullup Current
VLO = 0V
1.6
A
IOLL
Peak Pulldown Current
VLO = 12V
1.8
A
HO GATE DRIVER
VOLH
Low-Level Output Voltage
IHO = 100 mA
0.23
0.4
V
VOHH
High-Level Output Voltage
IHO = −100 mA
0.35
0.55
V
VOHH = VHB–VHO
IOHH
Peak Pullup Current
VHO = 0V
1.6
A
IOLH
Peak Pulldown Current
VHO = 12V
1.8
A
THERMAL RESISTANCE
θJA
(2)
Junction to Ambient
SOIC-8
170
°C/W
WSON-10(3)
40
(2)
The
θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
(3)
4 layer board with Cu finished thickness 1.5/1/1/1.5 oz. Maximum die size used. 5x body length of Cu trace on PCB top. 50 x 50mm
ground and power planes embedded in PCB. See Application Note AN-1187 (SNOA401).
Switching Characteristics
Specifications in standard typeface are for TJ = +25°C, and those in boldface type apply over the full operating junction
temperature range. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO.
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Units
LM5100
tLPHL
Lower Turn-Off Propagation Delay (LI
24
45
ns
Falling to LO Falling)
tHPHL
Upper Turn-Off Propagation Delay (HI
24
45
ns
Falling to HO Falling)
tLPLH
Lower Turn-On Propagation Delay (LI
24
45
ns
Rising to LO Rising)
tHPLH
Upper Turn-On Propagation Delay (HI
24
45
ns
Rising to HO Rising)
tMON
Delay Matching: Lower Turn-On and Upper
2
10
ns
Turn-Off
tMOFF
Delay Matching: Lower Turn-Off and Upper
2
10
ns
Turn-On
tRC, tFC
Either Output Rise/Fall Time
CL = 1000 pF
15
ns
tR, tF
Either Output Rise/Fall Time
CL = 0.1 µF
0.6
µs
(3V to 9V)
tPW
Minimum Input Pulse Width that Changes
50
ns
the Output
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are guaranteed through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate TI’s Average Outgoing Quality Level (AOQL).
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5100 LM5101


Similar Part No. - LM5101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5101 NSC-LM5101 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
LM5101A NSC-LM5101A Datasheet
812Kb / 15P
   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
logo
Texas Instruments
LM5101A TI1-LM5101A Datasheet
596Kb / 20P
[Old version datasheet]   LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AM TI1-LM5101AM Datasheet
1Mb / 28P
[Old version datasheet]   3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
LM5101AM TI1-LM5101AM Datasheet
1Mb / 37P
[Old version datasheet]   High-Voltage, High-Side and Low-Side Gate Drivers
More results

Similar Description - LM5101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5100 NSC-LM5100 Datasheet
350Kb / 12P
   High Voltage High Side and Low Side Gate Driver
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
ON Semiconductor
NCV51511 ONSEMI-NCV51511 Datasheet
224Kb / 15P
   High-Frequency, High Side and Low Side Gate Driver
April, 2018 ??Rev. 0
logo
Diodes Incorporated
DGD0507A DIODES-DGD0507A Datasheet
596Kb / 11P
   HIGH FREQUENCY HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com