Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5072 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5072 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5072 Datasheet HTML 3Page - Texas Instruments LM5072 Datasheet HTML 4Page - Texas Instruments LM5072 Datasheet HTML 5Page - Texas Instruments LM5072 Datasheet HTML 6Page - Texas Instruments LM5072 Datasheet HTML 7Page - Texas Instruments LM5072 Datasheet HTML 8Page - Texas Instruments LM5072 Datasheet HTML 9Page - Texas Instruments LM5072 Datasheet HTML 10Page - Texas Instruments LM5072 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (ºC)
350
355
360
365
370
375
380
385
390
395
400
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (ºC)
250
252
254
256
258
260
262
264
15
25 35 45 55 65 75 85
115
PROGRAMMING RESISTANCE (k:)
95 105
100
200
300
400
500
600
700
800
15
25 35 45 55 65 75 85
115
PROGRAMMING RESISTANCE (k:)
95 105
100
200
300
400
500
600
700
800
30.0
30.5
31.0
31.5
32.0
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (ºC)
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (ºC)
425
430
435
440
445
450
455
460
465
470
475
LM5072
www.ti.com
SNVS437D – MARCH 2006 – REVISED APRIL 2013
Typical Performance Characteristics
UVLO Threshold vs Temperature
Default Current Limit vs Temperature
Figure 2.
Figure 3.
Inrush Current Limit vs ICL_FAUX Resistor
DC Current Limit vs DCCL Resistor
Figure 4.
Figure 5.
Programmed DC Current Limit vs Temperature
Oscillator Frequency vs Temperature
Figure 6.
Figure 7.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5072


Similar Part No. - LM5072

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
LM5072MH-50 NSC-LM5072MH-50 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
LM5072MH-80 NSC-LM5072MH-80 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
LM5072MHX-50 NSC-LM5072MHX-50 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
LM5072MHX-80 NSC-LM5072MHX-80 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
More results

Similar Description - LM5072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5073 TI1-LM5073 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface
LM5073 TI1-LM5073_14 Datasheet
1Mb / 27P
[Old version datasheet]   100V Power Over Ethernet PD Interface with Aux Support
logo
National Semiconductor ...
LM5072 NSC-LM5072 Datasheet
945Kb / 24P
   Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
logo
Texas Instruments
LM5070 TI1-LM5070_14 Datasheet
1Mb / 23P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
LM5070 TI1-LM5070 Datasheet
1Mb / 24P
[Old version datasheet]   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
National Semiconductor ...
LM5070 NSC-LM5070 Datasheet
833Kb / 17P
   Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Texas Instruments
LM5070MTC-80 TI-LM5070MTC-80 Datasheet
1Mb / 24P
[Old version datasheet]   LM5070 Integrated Power Over Ethernet PD Interface and PWM Controller
logo
Linear Technology
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267_15 Datasheet
2Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com