Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC04IPWRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC04IPWRQ1
Description  HEX INVERTHER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04IPWRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC04IPWRQ1 Datasheet HTML 1Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74HC04IPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SN74HC04Q1
HEX INVERTER
SCLS583A − MAY 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 8 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
description/ordering information
The SN74HC04 device contains six independent inverters. It performs the Boolean function Y = A in positive
logic.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP − PW
Tape and reel
SN74HC04IPWRQ1
HC04I
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74HC04QPWRQ1
HC04Q
† For the most current package and ordering information, see the Package Option Addendum at the end of
this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each inverter)
INPUT
A
OUTPUT
Y
H
L
L
H
logic diagram (positive logic)
AY
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
PW PACKAGE
(TOP VIEW)
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HC04IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04IPWRQ1 TI-SN74HC04IPWRQ1 Datasheet
117Kb / 7P
[Old version datasheet]   HEX INVERTER
More results

Similar Description - SN74HC04IPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
logo
Texas Instruments
SN74AUCU04 TI-SN74AUCU04 Datasheet
174Kb / 1P
[Old version datasheet]   HEX INVERTER
SN54ALS1034 TI-SN54ALS1034_07 Datasheet
635Kb / 16P
[Old version datasheet]   HEX DRIVERS
54AC11034 TI-54AC11034 Datasheet
67Kb / 5P
[Old version datasheet]   HEX NONINVERTERS
logo
Integral Corp.
IN74LVU04 INTEGRAL-IN74LVU04 Datasheet
140Kb / 6P
   HEX INVERTER
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
Toshiba Semiconductor
TC74HCU04AP TOSHIBA-TC74HCU04AP Datasheet
189Kb / 5P
   HEX INVERTER
logo
Fairchild Semiconductor
74VHCU04 FAIRCHILD-74VHCU04 Datasheet
75Kb / 8P
   Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com