Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F2244N Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74F2244N
Description  25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2244N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74F2244N Datasheet HTML 3Page - Texas Instruments SN74F2244N Datasheet HTML 4Page - Texas Instruments SN74F2244N Datasheet HTML 5Page - Texas Instruments SN74F2244N Datasheet HTML 6Page - Texas Instruments SN74F2244N Datasheet HTML 7Page - Texas Instruments SN74F2244N Datasheet HTML 8Page - Texas Instruments SN74F2244N Datasheet HTML 9Page - Texas Instruments SN74F2244N Datasheet HTML 10Page - Texas Instruments SN74F2244N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(9.3)
18X (1.27)
20X (0.6)
20X (2)
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES: (continued)
8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
9. Board assembly site may have different recommendations for stencil design.
SYMM
SYMM
1
10
11
20
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:6X


Similar Part No. - SN74F2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244DW TI-SN74F2244DW Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F2244N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com