Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F2245DBR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74F2245DBR
Description  25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2245DBR Datasheet(HTML) 3 Page - Texas Instruments

  SN74F2245DBR Datasheet HTML 1Page - Texas Instruments SN74F2245DBR Datasheet HTML 2Page - Texas Instruments SN74F2245DBR Datasheet HTML 3Page - Texas Instruments SN74F2245DBR Datasheet HTML 4Page - Texas Instruments SN74F2245DBR Datasheet HTML 5Page - Texas Instruments SN74F2245DBR Datasheet HTML 6Page - Texas Instruments SN74F2245DBR Datasheet HTML 7Page - Texas Instruments SN74F2245DBR Datasheet HTML 8Page - Texas Instruments SN74F2245DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74F2245
25 Ω OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SDFS099 − MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
A or B
B or A
2.5
3.9
5.5
2.1
6.6
ns
tPHL
A or B
B or A
3.1
4.6
6.6
2.9
7.1
ns
tPZH
OE
A or B
2.4
4.8
7.3
1.6
8.5
ns
tPZL
OE
A or B
3.6
6.6
10.6
3
12
ns
tPHZ
OE
A or B
2.3
4.3
6.3
2
7.5
ns
tPLZ
OE
A or B
2
4
5.8
1.9
6.8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74F2245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2245DB TI-SN74F2245DB Datasheet
84Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F2245DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F2245 TI-SN74F2245 Datasheet
84Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com