Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F163A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F163A
Description  SYNCHRONOUS 4-BIT BINARY COUNTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F163A Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74F163A Datasheet HTML 3Page - Texas Instruments SN74F163A Datasheet HTML 4Page - Texas Instruments SN74F163A Datasheet HTML 5Page - Texas Instruments SN74F163A Datasheet HTML 6Page - Texas Instruments SN74F163A Datasheet HTML 7Page - Texas Instruments SN74F163A Datasheet HTML 8Page - Texas Instruments SN74F163A Datasheet HTML 9Page - Texas Instruments SN74F163A Datasheet HTML 10Page - Texas Instruments SN74F163A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN74F163A
SYNCHRONOUS 4-BIT BINARY COUNTER
SDFS088A – MARCH 1987 – REVISED AUGUST 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
fclock
Clock frequency
0
100
0
90
MHz
CLK high or low (loading)
5
5
tw
Pulse duration
CLK (counting)
High
4
4
ns
CLK (counting)
Low
6
7
Data before CLK
High or low
5
5
LOAD and CLR before CLK
High
11
11.5
tsu
Setup time
LOAD and CLR before CLK
Low
8.5
9.5
ns
ENP and ENT before CLK
High
11
11.5
ENP and ENT before CLK
Low
5
5
Data after CLK
High or low
2
2
th
Hold time
LOAD and CLR after CLK
High
2
2
ns
th
Hold time
LOAD and CLR after CLK
Low
0
0
ns
ENP and ENT after CLK
High or low
0
0
switching characteristics (see Note 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 PF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
RL = 500 Ω,
TA = MIN TO MAX†
UNIT
MIN
TYP
MAX
MIN
MAX
fmax
100
120
90
MHz
tPLH
CLK (LOAD high)
Any Q
2.7
5.1
7.5
2.7
8.5
ns
tPHL
CLK (LOAD high)
Any Q
2.7
7.1
10
2.7
11
ns
tPLH
CLK (LOAD low)
Any Q
3.2
5.6
8.5
3.2
9.5
ns
tPHL
CLK (LOAD low)
Any Q
3.2
5.6
8.5
3.2
9.5
ns
tPLH
CLK
RCO
4.2
9.6
14
4.2
15
ns
tPHL
CLK
RCO
4.2
9.6
14
4.2
15
ns
tPLH
ENT
RCO
1.7
4.1
7.5
1.7
8.5
ns
tPHL
ENT
RCO
1.7
4.1
7.5
1.7
8.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 4: Load circuits and waveforms are shown in Figure 1.


Similar Part No. - SN74F163A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163AD TI-SN74F163AD Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163AD TI-SN74F163AD Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163ADBR TI-SN74F163ADBR Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results

Similar Description - SN74F163A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A_07 Datasheet
434Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74HC163-Q1 TI1-SN74HC163-Q1 Datasheet
278Kb / 17P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTER
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com