Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP7653ER-L/TR Datasheet(PDF) 10 Page - Exar Corporation

Part # SP7653ER-L/TR
Description  1.3MHz, Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7653ER-L/TR Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP7653ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 11Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 12Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 13Page - Exar Corporation SP7653ER-L/TR Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
0
Date: /20/06
SP7653 Wide Input Voltage Range, .3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
10
Date: 2/17/06
SP7653 Wide Input Voltage Range, 1.3MHz, Buck Regulator
© Copyright 2006 Sipex Corporation
Bode Plot of Type III Error Amplifier Compensation.
Type III Error Amplifier Compensation Circuit
APPLICATIONS INFORMATION
Frequency
(Hz)
Error Amplifier Gain
Bandwidth Product
Condition:
C22 >> CP1, R1 >> RZ3
20 Log (RZ2/R1)
Gain
(dB)
CP1
RZ2
CZ2
-
+
6
5
VFB
COMP
+
- 0.8V
CF1
VOUT
R1
68.1k, 1% R
SET
CZ3
RZ3
RSET =54.48/ (VOUT-0.8V)(k )


Similar Part No. - SP7653ER-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653ER-L/TR SIPEX-SP7653ER-L/TR Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
More results

Similar Description - SP7653ER-L/TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7653 SIPEX-SP7653 Datasheet
207Kb / 12P
   Wide Input Voltage Range, 1.3MHz,Buck Regulator
SP7653 SIPEX-SP7653_06 Datasheet
795Kb / 15P
   Wide Input Voltage Range, 1.3MHz, Buck Regulator
logo
SHANGHAI BELLING CO., L...
BL9309 BELLING-BL9309 Datasheet
895Kb / 9P
   5.5V 2.0A 1.3MHz Synchronous Buck Converter
logo
ACE Technology Co., LTD...
ACE722G ACE-ACE722G Datasheet
1Mb / 13P
   5V 2.0A, 1.3MHz Synchronous Buck Converter
VER 1.1
logo
Anpec Electronics Corop...
APW7311 ANPEC-APW7311 Datasheet
261Kb / 16P
   3A 24V 1.3MHz synchronous Buck Converter
logo
Semtech Corporation
SC4503 SEMTECH-SC4503 Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
SC4503WLTRT SEMTECH-SC4503WLTRT Datasheet
1Mb / 22P
   1.3MHz Step-Up Switching Regulator with 1.4A Switch
logo
Exar Corporation
SP7650 EXAR-SP7650 Datasheet
1Mb / 16P
   Buck Regulator
logo
AiT Semiconductor Inc.
A7122A AITSEMI-A7122A Datasheet
712Kb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 5.5V 2A 1.3MHz SYNCHRONOUS
REV1.0
logo
Sanken electric
NR121E SANKEN-NR121E Datasheet
552Kb / 12P
   Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com