Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6682 Datasheet(PDF) 8 Page - Exar Corporation

Part # SP6682
Description  High Efficiency White LED Charge Pump Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6682 Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP6682 Datasheet HTML 4Page - Exar Corporation SP6682 Datasheet HTML 5Page - Exar Corporation SP6682 Datasheet HTML 6Page - Exar Corporation SP6682 Datasheet HTML 7Page - Exar Corporation SP6682 Datasheet HTML 8Page - Exar Corporation SP6682 Datasheet HTML 9Page - Exar Corporation SP6682 Datasheet HTML 10Page - Exar Corporation SP6682 Datasheet HTML 11Page - Exar Corporation SP6682 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
S
SP
P6
66
68
82
2
H
Hiig
gh
h E
Effffiic
ciie
en
nc
cy
y W
Wh
hiitte
e L
LE
ED
D C
Ch
ha
arrg
ge
e P
Pu
um
mp
p R
Re
eg
gu
ulla
atto
orr
© 2009 Exar Corporation
8/13
Rev. 2.0.0
use this feature, divider resistors should be
chosen according to the specific applica-tion,
as shown in Figure 16.
Fig. 16: Programming the VMODE Resistors
The guideline for divider resistor selections is
as follows: For high input voltage, the SP6682
will work in X1.5 mode. When the input
voltage drops to the VTH threshold voltage, it
will switch to X2 mode automati-cally. The VTH
threshold voltage for mode change can be
calculated by:
()
5
.
1
306
.
0
OUT
LED
F
TH
R
I
M
V
V
×
×
+
+
=
Where VF and M are the forward voltage and
number of the white LEDs, ROUT is the output
resistance of the SP6682. The equation for the
voltage divider R1 and R2 with VMODE = 1.25V
is:
⎛ +
×
=
2
1
1
25
.
1
R
R
V
TH
which can be expressed as R1:
2
1
25
.
1
1
R
V
R
TH
×
=
For the typical SP6682 application, using
VF=3.6V, M=4, ILED=15mA, ROUT=16Ω, the VTH
will
be
3.24V.
Select
R2=100kΩ,
then
R1=158kΩ.
CAPACITOR SELECTION
Ceramic capacitors are recommended for their
inherently low ESR, which will help produce
low peak to peak output ripple, and reduce
high frequency spikes.
The fly capacitor controls the strength of the
charge pump. Selection of the fly capacitor is
a trade-off between the output voltage ripple
and the output current capability. Decreasing
the fly capacitor will reduce the output voltage
ripple because less charge will be delivered to
the output capacitor. However, smaller fly
capacitors lead to larger output resistance,
thus decreasing the out-put current capability
and the circuit effi-ciency. Place all the
capacitors as close to the SP6682 as possible
for layout. Increasing the value of the input
and output capaci-tors could further reduce
the input and out-put ripple.
Refer to Table 1 for some suggested low ESR
capacitors.
Manufacturer
Part Number
Capacitance
Voltage
Capacitor
Size/Type
ESR @ 100KHz
TDK
C2012X5R1A225K
2.2µF/10V
0805/X5R
0.030Ω
TDK
C2012X5R0J475K
4.7µF/6.3V
0805/X5R
0.020Ω
Murata
GRM188R60J225KE01D
2.2µF/6.3V
0805/X5R
0.030Ω
Murata
GRM219R60J475KE01D
4.7µF/6.3V
0805/X5R
0.020Ω
Table 1: Suggested Low ESR Capacitors
BRIGHTNESS CONTROL USING PWM
Dimming control can be achieved by applying
a PWM control signal to the EN/PWM pin. The
brightness of the white LEDs is con-trolled by
increasing and decreasing the duty cycle of
the PWM signal. While the operating frequency
range of the PWM control is from 60Hz to
700Hz,
the
recommended
maxim-um
brightness frequency range of the PWM signal
is from 60Hz to 200Hz. A repetition rate of at
least 60Hz is required to prevent flicker.


Similar Part No. - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER/TR SIPEX-SP6682ER/TR Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
More results

Similar Description - SP6682

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com