Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6682 Datasheet(PDF) 4 Page - Exar Corporation

Part # SP6682
Description  High Efficiency White LED Charge Pump Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6682 Datasheet(HTML) 4 Page - Exar Corporation

  SP6682 Datasheet HTML 1Page - Exar Corporation SP6682 Datasheet HTML 2Page - Exar Corporation SP6682 Datasheet HTML 3Page - Exar Corporation SP6682 Datasheet HTML 4Page - Exar Corporation SP6682 Datasheet HTML 5Page - Exar Corporation SP6682 Datasheet HTML 6Page - Exar Corporation SP6682 Datasheet HTML 7Page - Exar Corporation SP6682 Datasheet HTML 8Page - Exar Corporation SP6682 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
S
SP
P6
66
68
82
2
H
Hiig
gh
h E
Effffiic
ciie
en
nc
cy
y W
Wh
hiitte
e L
LE
ED
D C
Ch
ha
arrg
ge
e P
Pu
um
mp
p R
Re
eg
gu
ulla
atto
orr
© 2009 Exar Corporation
4/13
Rev. 2.0.0
TYPICAL PERFORMANCE CHARACTERISTICS
All data taken at TA = 25°C, IO = 60mA, unless otherwise specified - Schematic and BOM from Application Information
section of this datasheet.
Fig. 3: Output Voltage Turn-on Time
Fig. 4: Power Efficiency vs Input Voltage
Fig. 5: x2 Mode Voltage Ripple, VIN=2.7V
Fig. 6: Feedback Pin Voltage vs. Input Voltage
Fig. 7: x1.5 Mode Voltage Ripple, VIN=3.3V
Fig. 8: Quiescent Current vs. Input Voltage


Similar Part No. - SP6682

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER SIPEX-SP6682ER Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682ER/TR SIPEX-SP6682ER/TR Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
More results

Similar Description - SP6682

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
   High-Efficiency White LED Charge Pump
G5910 GMT-G5910 Datasheet
448Kb / 10P
   High-Efficiency White LED Charge Pump
logo
Allegro MicroSystems
A8435 ALLEGRO-A8435 Datasheet
387Kb / 9P
   High Efficiency Charge Pump White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
   High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
Maxim Integrated Produc...
MAX1570 MAXIM-MAX1570 Datasheet
358Kb / 11P
   White LED Current Regulator with 1x/1.5x High-Efficiency Charge Pump
19-2526; Rev 0; 7/02
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
   High Efficiency Boost Charge Pump Regulator
logo
Eutech Microelectronics...
EUP2794 EUTECH-EUP2794 Datasheet
444Kb / 13P
   White LED Driver with 1X /1.5X High-Efficiency Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com