Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP6641B Datasheet(PDF) 1 Page - Exar Corporation

Part # SP6641B
Description  500mA Alkaline DC/DC Boost Regulator in SOT-23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6641B Datasheet(HTML) 1 Page - Exar Corporation

  SP6641B Datasheet HTML 1Page - Exar Corporation SP6641B Datasheet HTML 2Page - Exar Corporation SP6641B Datasheet HTML 3Page - Exar Corporation SP6641B Datasheet HTML 4Page - Exar Corporation SP6641B Datasheet HTML 5Page - Exar Corporation SP6641B Datasheet HTML 6Page - Exar Corporation SP6641B Datasheet HTML 7Page - Exar Corporation SP6641B Datasheet HTML 8Page - Exar Corporation SP6641B Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev. 5/26/05,
*Patent Pending
SP6641A/6641B 500mA Alkaline DC/DC Boost Regulator in SOT-23
© Copyright 2002 Sipex Corporation
DESCRIPTION
The SP6641 is an ultra-low quiescent current, high efficiency, DC-DC boost converter designed
for single and dual cell alkaline, or Li-ion battery applications found in PDA’s, MP3 players, and
other handheld portable devices. The SP6641 features a 10µA quiescent current, a 0.3Ω N-
channel charging switch, 0.9V input startup, and a 0.33A or 1.0A inductor current limiting feature.
The SP6641 is offered in a 5 pin SOT-23 package and provides an extremely small power supply
footprint optimized for portable applications. The SP6641 is preset to 3.3V and can be controlled
by a 1nA active LOW shutdown pin.
500mA Alkaline DC/DC Boost Regulator in SOT-23
®
■ Ultra Low Quiescent Current: 10µA
■ Wide Input Voltage Range: 0.9V to 4.5V
■ 90mA IOUT at 1.3V Input (SP6641A-3.3V)
■ 500mA IOUT at 2.6V Input (SP6641B-3.3V)
■ 100mA IOUT at 2.0V Input (SP6641A-5.0V)
■ 500mA IOUT at 3.3V Input (SP6641B-5.0V)
■ Fixed 3.3V or 5.0V Output Voltage
■ Up to 87% Efficiency
■ 0.3Ω NFET RDSon
■ Startup Voltage Guaranteed at 0.9V
■ 0.33A Inductor Current Limit (SP6641A)
■ 1A Inductor Current Limit (SP6641B)
■ Logic Shutdown Control
■ SOT-23-5 Package
VOUT
GND
SHDN
VBATT
LX
SP6641
5 Pin SOT-23
1
2
3
5
4
APPLICATIONS
■ PDA's
■ DSC's
■ CD/MP3 Players
■ Pagers
■ Digital Cameras
■ Portable Handheld Medical Devices
SP6641A/6641B
Figure 1. Typical Application Schematic
Figure 2. Maximum Load Current in Operation
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VIN (V)
SP6641B, 1.0A, 3.3V
SP6641B, 1.0A, 5V
SP6641A, 0.33A, 3.3V
SP6641A, 0.33A, 5V
GND
LX
VBATT
SHDN
L1
0.9V to 4.5V
U1
SP6641A
VOUT
SHDN
VBATT
®
®
C2
VOUT
+3.3V or 5V
D1
1
2
3
C1
5
4
C3
R1
SP6641A 3.3V & 5V: C1 = C2 = 22µF Ceramic, L1 = 22µH CDRH5D28,
D1 = MBR0520, C3 = Open, R1 = Shorted.
SP6641B 3.3V & 5V: C1 = C2 = 100µF POSCAP, L1 = 10µH CDRH5D28,
D1 = ZHCS2000, C3 = 1µF Ceramic, R1 = 10Ω.
Now Available in Lead Free Packaging


Similar Part No. - SP6641B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641B SIPEX-SP6641B Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
SP6641B SIPEX-SP6641B Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641B SIPEX-SP6641B Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
More results

Similar Description - SP6641B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A Datasheet
120Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641A SIPEX-SP6641A_05 Datasheet
133Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Exar Corporation
SP6641BEK-L-5-0-TR EXAR-SP6641BEK-L-5-0-TR Datasheet
137Kb / 14P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Sipex Corporation
SP6641BEK-L-5-0 SIPEX-SP6641BEK-L-5-0 Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
SP6641AEK SIPEX-SP6641AEK Datasheet
137Kb / 13P
   500mA Alkaline DC/DC Boost Regulator in SOT-23
logo
Global Mixed-mode Techn...
G5104 GMT-G5104 Datasheet
336Kb / 7P
   300mA Alkaline Boost DC/DC Converters in SOT-23-5
logo
Texas Instruments
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040-Q1 TI1-TPS61040-Q1_16 Datasheet
1,013Kb / 27P
[Old version datasheet]   Low-Power DC-DC Boost Converter in SOT-23 Package
TPS61040-Q1 TI-TPS61040-Q1_15 Datasheet
797Kb / 24P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com