Electronic Components Datasheet Search |
|
SP691AEP Datasheet(PDF) 11 Page - Exar Corporation |
|
SP691AEP Datasheet(HTML) 11 Page - Exar Corporation |
11 / 24 page 11 Date: 4/18/05 SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation 10k Ω and the output saturation voltage is below 0.4V while sinking 40 µA. When using a 10kΩ external pull-down resistor, the high state for the RESET output with Vcc = 4.75V is 4.5V typical. For battery voltages less than or equal to 2V connected to VBATT, RESET and RESET remains valid for VCC from 0V to 5.5V. RESET and RESET are asserted when V CC falls below the reset threshold and remain asserted for the Reset Timeout Period (200ms nominal) after V CC rises above the reset threshold voltage on power-up. Refer to Figure 19. The devices' battery-switchover comparator does not affect reset assertion. However, both reset outputs are asserted in battery-backup mode since V CC must be below the reset threshold to enter this mode. Figure 18. External Pull-down Resistor Ensures RESET is Valid with V CC Down to Ground. TO µP RESET 10kΩ 15 Corporation RESET Figure 19. Reset and Chip-Enable Timing 4) Watchdog function ➡ Monitors µP activity where the watchdog output goes to a logic LOW state if the watchdog input is not toggled for greater than the timeout period. 5) Internal switch ➡ Switches over from V CC to V BATT if the VCC falls below the reset threshold. RESET and RESET Outputs The SP691A/693A/800L/800M devices' RESET and RESET outputs ensure that the µP powers up in a known state, and prevents code-execution errors during power-down or brownout conditions. The RESET output is active low, and typically sinks 3.2mA at 0.1V saturation voltage in its active state. When deasserted, RESET sources 1.6mA at typically VOUT – 0.5V. RESET output is open drain, active high, and typically sinks 3.2mA with a saturation voltage of 0.1V. When no backup battery is used, RESET output is guaranteed to be valid down to VCC = 1V, and an external 10k Ω pull-down resistor on RESET ensures that RESET will be valid with VCC down to GND as shown on Figure 18. As VCC goes below 1V, the gate drive to the RESET output switch reduces accordingly, increasing the R DS(ON) and the saturation voltage. The 10k Ω pull-down resistor ensures the parallel combination of switch plus resistor is around Vcc CE IN CE OUT RESET 12µ 100µs 100µs RESET THRESHOLD RESET |
Similar Part No. - SP691AEP |
|
Similar Description - SP691AEP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |