Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5067 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5067
Description  Negative Hot Swap / Inrush Current Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5067 Datasheet(HTML) 3 Page - Texas Instruments

  LM5067 Datasheet HTML 1Page - Texas Instruments LM5067 Datasheet HTML 2Page - Texas Instruments LM5067 Datasheet HTML 3Page - Texas Instruments LM5067 Datasheet HTML 4Page - Texas Instruments LM5067 Datasheet HTML 5Page - Texas Instruments LM5067 Datasheet HTML 6Page - Texas Instruments LM5067 Datasheet HTML 7Page - Texas Instruments LM5067 Datasheet HTML 8Page - Texas Instruments LM5067 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LM5067
www.ti.com
SNVS532C – OCTOBER 2007 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Current into VCC (100 µs pulse)
100 mA
OUT, PGD to VEE
-0.3V to 100V
UVLO, OVLO to VEE
-0.3V to 17V
SENSE to VEE
-0.3V to +0.3V
ESD Rating, Human Body Model(2)
2kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For specifications and conditions see the
Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
Current into VCC (1)
2 mA (min)
OUT Voltage above VEE
0V to 80V
PGD Off Voltage above VEE
0V to 80V
Junction Temperature
−40°C to +125°C
(1)
Maximum continuous current into VCC is limited by power dissipation and die temperature. See the Thermal Considerations section.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C
to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent
the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the
following conditions apply: ICC = 2 mA, OUT Pin = 48V above VEE, all voltages are with respect to VEE. See
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input
VZ
Operating voltage, VCC – VEE
ICC = 2 mA, UVLO = 5V
12.3
13
13.6
V
5
5
ICC-EN
Internal operating current, enabled
VCC-VEE = 11V,
0.8
1
mA
UVLO = 5V
ICC-DIS
Internal operating current, disabled
VCC-VEE = 11V,
480
660
µA
UVLO = 2V
PORIT
Threshold voltage to start insertion timer
VCC-VEE increasing
7.7
8.2
V
POREN
Threshold voltage to enable all functions
VCC-VEE increasing
8.4
8.7
V
POREN-HYS
POREN hysteresis
VCC-VEE decreasing
125
mV
OUT Pin
IOUT-EN
OUT bias current, enabled
OUT = VEE, Normal operation
0.1
µA
IOUT-DIS
OUT bias current, disabled
Disabled, OUT = VEE + 48V
50
SENSE Pin
ISNS-EN
SENSE bias current, enabled
OUT = VEE, Normal operation
-6
µA
ISNS-DIS
SENSE bias current, disabled
Disabled, OUT = VEE + 48V
-50
UVLO, OVLO Pins
UVLOTH
UVLO threshold
2.45
2.5
2.55
V
UVLOHYS
UVLO hysteresis current
UVLO = VEE + 2V
10
22
34
µA
UVLODEL
UVLO delay
Delay to GATE high
26
µs
Delay to GATE low
12
µs
UVLOBIAS
UVLO bias current
UVLO = VEE + 5V
1
µA
OVLOTH
OVLO threshold
2.43
2.5
2.57
V
OVLOHYS
OVLO hysteresis current
OVLO = VEE+2.8V
-34
-22
-10
µA
(1)
Current out of a pin is indicated as a negative value.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5067


Similar Part No. - LM5067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067 TI-LM5067 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067-1 TI-LM5067-1 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067-2 TI-LM5067-2 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
More results

Similar Description - LM5067

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5067 NSC-LM5067 Datasheet
768Kb / 24P
   Negative Hot Swap / Inrush Current Controller with Power Limiting
logo
Texas Instruments
LM5067 TI1-LM5067_14 Datasheet
2Mb / 33P
[Old version datasheet]   Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5067 TI-LM5067_V01 Datasheet
4Mb / 49P
[Old version datasheet]   LM5067 Negative Hot Swap / Inrush Current Controller with Power Limiting
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com