Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5064 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5064
Description  Negative Voltage System Power Management and Protection IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5064 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5064 Datasheet HTML 5Page - Texas Instruments LM5064 Datasheet HTML 6Page - Texas Instruments LM5064 Datasheet HTML 7Page - Texas Instruments LM5064 Datasheet HTML 8Page - Texas Instruments LM5064 Datasheet HTML 9Page - Texas Instruments LM5064 Datasheet HTML 10Page - Texas Instruments LM5064 Datasheet HTML 11Page - Texas Instruments LM5064 Datasheet HTML 12Page - Texas Instruments LM5064 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
-50
-25
0
25
50
75
100 125
2.962
2.964
2.966
2.968
2.970
2.972
2.974
2.976
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
-1.6
-1.2
-0.8
-0.4
0.0
0.4
0.8
1.2
1.6
TEMPERATURE (°C)
CL=VEE
-50
-25
0
25
50
75
100
125
20
25
30
35
40
45
50
55
TEMPERATURE (°C)
CL = VEE
CL = VDD
-50
-25
0
25
50
75
100 125
40
60
80
100
120
140
160
180
200
TEMPERATURE (°C)
CL = VDD, CB/CL BIT = LOW
CL = VEE, CB/CL BIT = LOW
CL = VEE, CB/CL BIT = HIGH
-50
-25
0
25
50
75
100 125
2.450
2.455
2.460
2.465
2.470
2.475
2.480
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
-20.6
-20.5
-20.4
-20.3
-20.2
-20.1
-20.0
-19.9
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
2.470
2.472
2.474
2.476
2.478
2.480
2.482
2.484
2.486
2.488
2.490
TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
19.2
19.4
19.6
19.8
20.0
20.2
20.4
TEMPERATURE (°C)
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified the following conditions apply: TJ = 25°C, VCC-VEE = 48V.
UVLO Threshold
UVLO Hysteresis Current
OVLO Threshold
OVLO Hysteresis Current
Current Limit Threshold
Circuit Breaker Threshold
Reference Voltage
IIN Measurement Accuracy (SENSE_K-VEE_K = 50 mV)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5064


Similar Part No. - LM5064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHENOPB TI1-LM5064PMHENOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHNOPB TI1-LM5064PMHNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHXNOPB TI1-LM5064PMHXNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
More results

Similar Description - LM5064

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com