Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5064 Datasheet(PDF) 41 Page - Texas Instruments

Part # LM5064
Description  Negative Voltage System Power Management and Protection IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5064 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LM5064_16 Datasheet HTML 37Page - Texas Instruments LM5064_16 Datasheet HTML 38Page - Texas Instruments LM5064_16 Datasheet HTML 39Page - Texas Instruments LM5064_16 Datasheet HTML 40Page - Texas Instruments LM5064_16 Datasheet HTML 41Page - Texas Instruments LM5064_16 Datasheet HTML 42Page - Texas Instruments LM5064_16 Datasheet HTML 43Page - Texas Instruments LM5064_16 Datasheet HTML 44Page - Texas Instruments LM5064_16 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
MFR_SPECIFIC_04: MFR_PIN_OP_WARN_LIMIT (D4h)
The MFR_PIN_OP_WARN_LIMIT PMBus command sets the input over-power warning threshold. In the event
that the input power rises above the value set in this register, the PIN over-power flags are set in the respective
registers and the SMBA is asserted. To access the MFR_PIN_OP_WARN_LIMIT register, use the PMBus
Read/Write Word protocol. Reading/writing to this register should use the coefficients shown in Table 41.
Table 26. MFR_PIN_OPWARN_LIMIT Register
Value
Meaning
Default
0h – 0FFEh
Value for input over-power warn limit
0FFFh
0FFFh
Input over-power warning disabled
n/a
MFR_SPECIFIC_05: READ_PIN_PEAK (D5h)
The READ_PIN_PEAK command will report the maximum input power measured since a Power On reset or the
last CLEAR_PIN_PEAK command. To access the READ_PIN_PEAK command, use the PMBus Read Word
protocol. Use the coefficients shown in Table 41.
Table 27. READ_PIN_PEAK Register
Value
Meaning
Default
0h – 0FFEh
Maximum Value for input current x input
0h
voltage since reset or last clear
MFR_SPECIFIC_06: CLEAR_PIN_PEAK (D6h)
The CLEAR_PIN_PEAK command will clear the PIN PEAK register. This command uses the PMBus Send Byte
protocol.
MFR_SPECIFIC_07: GATE_MASK (D7h)
The GATE_MASK register allows the hardware to prevent fault conditions from switching off the MOSFET. When
the bit is high, the corresponding FAULT has no control over the MOSFET gate. All status registers will still be
updated (STATUS, DIAGNOSTIC) and an SMBA will still be asserted. This register is accessed with the PMBus
Read / Write Byte protocol.
The IIN/PFET Fault refers to the input current fault and the MOSFET power dissipation fault. There is no input
power fault detection; only input power warning detection.
WARNING
Inhibiting the MOSFET switch off in response to over-current or circuit breaker
fault conditions will likely result in the destruction of the MOSFET! This
functionality should be used with great care and supervision!
Table 28. MFR_SPECIFIC_07 GATE MASK Definitions
Bit
NAME
Default
7
Not used, always 0
0
6
Not used, always 0
0
5
VIN UV FAULT
0
4
VIN OV FAULT
0
3
IIN/PFET FAULT
0
2
OVERTEMP FAULT
0
1
Not used, always 0
0
0
CIRCUIT BREAKER FAULT
0
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Links: LM5064


Similar Part No. - LM5064_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064PMHENOPB TI1-LM5064PMHENOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHNOPB TI1-LM5064PMHNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHXNOPB TI1-LM5064PMHXNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
More results

Similar Description - LM5064_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com