Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5064 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5064
Description  Negative Voltage System Power Management and Protection IC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5064 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5064_16 Datasheet HTML 18Page - Texas Instruments LM5064_16 Datasheet HTML 19Page - Texas Instruments LM5064_16 Datasheet HTML 20Page - Texas Instruments LM5064_16 Datasheet HTML 21Page - Texas Instruments LM5064_16 Datasheet HTML 22Page - Texas Instruments LM5064_16 Datasheet HTML 23Page - Texas Instruments LM5064_16 Datasheet HTML 24Page - Texas Instruments LM5064_16 Datasheet HTML 25Page - Texas Instruments LM5064_16 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
VGSL
0
VTH
ILIM
VDS
0
Drain Current
VGATE
0
b) Power Limit and Current Limit
VGSL
t1
0
VTH
ILIM
VDS
0
VSYS
Drain Current
VGATE
0
t2
t3
a) Current Limit Only
Gate-to-Source Voltage
IP
VSYS
tON
tON
Gate-to-Source Voltage
LM5064
VCC
VEE
GND
OUT
RS
Q1
CL
RL
VSYS
VEE_K SENSE_K
GATE
SENSE
LM5064
VCC
VEE
GND
PGD
OUT
RS
Q1
CL
RL
VSYS
VEE_K SENSE_K
GATE
SENSE
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
A. No Load Current During Turn-On
B. Load Draws Current During Turn-On
Figure 8. Current During Turn-On
B) Turn-On with Power Limit and Current Limit: The maximum allowed power dissipation in Q1 (PMOSFET(LIM))
is defined by the resistor at the PWR pin, and the current sense resistor RS. See the POWER LIMIT
THRESHOLD section. If the current limit threshold (ILIM) is higher than the current defined by the power limit
threshold at maximum VDS (PMOSFET(LIM)/|VSYS|) the circuit operates initially in the power limit mode when the VDS
of Q1 is high, and then transitions to current limit mode as the current increases to ILIM and VDS decreases.
Assuming the load (RL) is not connected during turn-on, the time for the output voltage to reach its final value is
approximately equal to:
(6)
For example, if VSYS = -48V, CL = 200 µF, ILIM = 8.7A, and PMOSFET(LIM) = 80W, tON calculates to ≊3.0 ms, and the
initial current level (IP) is approximately 1.67A. The Fault Timeout Period must be set longer than tON.
Figure 9. MOSFET Power Up Waveforms
22
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064


Similar Part No. - LM5064_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064PMHENOPB TI1-LM5064PMHENOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHNOPB TI1-LM5064PMHNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5064PMHXNOPB TI1-LM5064PMHXNOPB Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
More results

Similar Description - LM5064_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I_16 Datasheet
1Mb / 59P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com