Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008SD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008SD
Description  Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008SD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5008SD Datasheet HTML 6Page - Texas Instruments LM5008SD Datasheet HTML 7Page - Texas Instruments LM5008SD Datasheet HTML 8Page - Texas Instruments LM5008SD Datasheet HTML 9Page - Texas Instruments LM5008SD Datasheet HTML 10Page - Texas Instruments LM5008SD Datasheet HTML 11Page - Texas Instruments LM5008SD Datasheet HTML 12Page - Texas Instruments LM5008SD Datasheet HTML 13Page - Texas Instruments LM5008SD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LM5008
SNVS280G – APRIL 2004 – REVISED MARCH 2013
www.ti.com
During each off-time, the SW pin is at approximately 0V, and the bootstrap capacitor charges from Vcc through
the internal diode. The minimum OFF timer, set to 300ns, ensures a minimum time each cycle to recharge the
bootstrap capacitor.
An external re-circulating diode (D1) carries the inductor current after the internal Buck switch turns off. This
diode must be of the Ultra-fast or Schottky type to minimize turn-on losses and current over-shoot.
Thermal Protection
The LM5008 should be operated so the junction temperature does not exceed 125°C during normal operation.
An internal Thermal Shutdown circuit is provided to protect the LM5008 in the event of a higher than normal
junction temperature. When activated, typically at 165°C, the controller is forced into a low power reset state,
disabling the buck switch and the VCC regulator. This feature prevents catastrophic failures from accidental
device overheating. When the junction temperature reduces below 140°C (typical hysteresis = 25°C), the Vcc
regulator is enabled, and normal operation is resumed.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5008


Similar Part No. - LM5008SD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008SD NSC-LM5008SD Datasheet
278Kb / 15P
   High Voltage (100V) Step Down Switching Regulator
LM5008SD NSC-LM5008SD Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5008SDC NSC-LM5008SDC Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5008SDCX NSC-LM5008SDCX Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
LM5008SDX NSC-LM5008SDX Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
More results

Similar Description - LM5008SD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com