Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5020MM-1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5020MM-1
Description  100V Current Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5020MM-1 Datasheet(HTML) 2 Page - Texas Instruments

  LM5020MM-1 Datasheet HTML 1Page - Texas Instruments LM5020MM-1 Datasheet HTML 2Page - Texas Instruments LM5020MM-1 Datasheet HTML 3Page - Texas Instruments LM5020MM-1 Datasheet HTML 4Page - Texas Instruments LM5020MM-1 Datasheet HTML 5Page - Texas Instruments LM5020MM-1 Datasheet HTML 6Page - Texas Instruments LM5020MM-1 Datasheet HTML 7Page - Texas Instruments LM5020MM-1 Datasheet HTML 8Page - Texas Instruments LM5020MM-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
2
3
4
5
6
7
8
9
10
FB
VCC
OUT
VIN
COMP
UVLO
GND
CS
RT/SYNC
SS
LM5020
SNVS275F – MAY 2004 – REVISED APRIL 2006
www.ti.com
Connection Diagram
Top View
Figure 2. 10-Lead VSSOP, WSON
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
VIN
Source Input Voltage
Input to the start-up regulator. Input range is 13V to 100V.
2
FB
Feedback Signal
Inverting input of the internal error amplifier. The non-
inverting input is internally connected to a 1.25V reference.
3
COMP
The output of the error amplifier and input to the
COMP pull-up is provided by an internal 5K resistor which
Pulse Width Modulator
may be used to bias an opto-coupler transistor.
4
VCC
Output of the internal high voltage series pass
If an auxiliary winding raises the voltage on this pin above
regulator. Regulated output voltage is 7.7V
the regulation set point, the internal series pass regulator
will shut down, reducing the internal power dissipation.
5
OUT
Output of the PWM controller
Gate driver output with a 1A peak current capability.
6
GND
Ground return
7
UVLO
Line Under-Voltage Shutdown
An external resistor divider from the power converter
source voltage sets the shutdown levels. The threshold at
this pin is 1.25V. Hysteresis is set by a switched internal
20µA current source.
8
CS
Current Sense input
Current sense input for current mode control and over-
current protection. Current limiting is accomplished using a
dedicated current sense comparator. If the CS pin voltage
exceeds 0.5V the OUT pin switches low for cycle-by-cycle
current limiting. CS is held low for 50ns after OUT switches
high to blank leading edge current spikes.
9
RT / SYNC
Oscillator timing resistor pin and synchronization
An external resistor connected from RT to GND sets the
input
oscillator frequency. This pin also accepts synchronization
pulses from an external clock.
10
SS
Softstart Input
An external capacitor and an internal 10µA current source
set the soft-start ramp rate.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2006, Texas Instruments Incorporated
Product Folder Links: LM5020


Similar Part No. - LM5020MM-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020MM-1 NSC-LM5020MM-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020MM-1 NSC-LM5020MM-1 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020MM-1 NSC-LM5020MM-1 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
More results

Similar Description - LM5020MM-1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
LM5020 TI1-LM5020_14 Datasheet
899Kb / 19P
[Old version datasheet]   100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
logo
Texas Instruments
LM5020MM-1 TI-LM5020MM-1 Datasheet
892Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
LM5020 TI-LM5020_15 Datasheet
865Kb / 17P
[Old version datasheet]   LM5020 100V Current Mode PWM Controller
logo
National Semiconductor ...
LM5030 NSC-LM5030_05 Datasheet
642Kb / 12P
   100V Push-Pull Current Mode PWM Controller
LM5030 NSC-LM5030 Datasheet
230Kb / 11P
   100V Push-Pull Current Mode PWM Controller
logo
Texas Instruments
LM5030 TI1-LM5030_15 Datasheet
1Mb / 28P
[Old version datasheet]   100V Push-Pull Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com