Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008MM Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008MM
Description  Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008MM Datasheet(HTML) 4 Page - Texas Instruments

  LM5008MM Datasheet HTML 1Page - Texas Instruments LM5008MM Datasheet HTML 2Page - Texas Instruments LM5008MM Datasheet HTML 3Page - Texas Instruments LM5008MM Datasheet HTML 4Page - Texas Instruments LM5008MM Datasheet HTML 5Page - Texas Instruments LM5008MM Datasheet HTML 6Page - Texas Instruments LM5008MM Datasheet HTML 7Page - Texas Instruments LM5008MM Datasheet HTML 8Page - Texas Instruments LM5008MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM5008
SNVS280G – APRIL 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, unless otherwise stated
(1).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC Supply
VCC Reg
VCC Regulator Output
6.6
7
7.4
V
VCC Current Limit
(2)
9.5
mA
VCC undervoltage Lockout Voltage
6.3
V
(VCC increasing)
VCC Undervoltage Hysteresis
200
mV
VCC UVLO Delay (filter)
100mV overdrive
10
µs
IIN Operating Current
Non-Switching, FB = 3V
485
675
µA
IIN Shutdown Current
RON/SD = 0V
76
150
µA
Switch Characteristics
Buck Switch Rds(on)
ITEST = 200mA,
(3)
1.15
2.47
Gate Drive UVLO
VBST − VSW Rising
3.4
4.5
5.5
V
Gate Drive UVLO Hysteresis
430
mV
Current Limit
Current Limit Threshold
0.41
0.51
0.61
A
Current Limit Response Time
Iswitch Overdrive = 0.1A, Time to Switch Off
400
ns
OFF time generator (test 1)
FB=0V, RCL = 100K
35
µs
OFF time generator (test 2)
FB=2.3V, RCL = 100K
2.56
µs
On Time Generator
TON - 1
Vin = 10V, Ron = 200K
2.15
2.77
3.5
µs
TON - 2
Vin = 95V, Ron = 200K
200
300
420
ns
Remote Shutdown Threshold
Rising
0.40
0.70
1.05
V
Remote Shutdown Hysteresis
35
mV
Minimum Off Time
Minimum Off Timer
FB = 0V
300
ns
Regulation and OV Comparators
FB Reference Threshold
Internal reference, Trip point for switch ON
2.445
2.5
2.550
V
FB Over-Voltage Threshold
Trip point for switch OFF
2.875
V
FB Bias Current
100
nA
Thermal Shutdown
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
25
°C
Thermal Resistance
θJA
Junction to Ambient
VSSOP Package
200
°C/W
WSON Package
40
°C/W
(1)
All electrical characteristics having room temperature limits are tested during production with TA = TJ = 25°C. All hot and cold limits are
specified by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
(2)
The VCC output is intended as a self bias for the internal gate drive power and control circuits. Device thermal limitations limit external
loading.
(3)
For devices procured in the WSON-8 package the Rds(on) limits are specified by design characterization data only.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5008


Similar Part No. - LM5008MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008MM NSC-LM5008MM Datasheet
278Kb / 15P
   High Voltage (100V) Step Down Switching Regulator
LM5008MM NSC-LM5008MM Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008MMEP TI1-LM5008MMEP Datasheet
384Kb / 16P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008MMX NSC-LM5008MMX Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
More results

Similar Description - LM5008MM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com