Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5008 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5008
Description  Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5008 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5008 Datasheet HTML 5Page - Texas Instruments LM5008 Datasheet HTML 6Page - Texas Instruments LM5008 Datasheet HTML 7Page - Texas Instruments LM5008 Datasheet HTML 8Page - Texas Instruments LM5008 Datasheet HTML 9Page - Texas Instruments LM5008 Datasheet HTML 10Page - Texas Instruments LM5008 Datasheet HTML 11Page - Texas Instruments LM5008 Datasheet HTML 12Page - Texas Instruments LM5008 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TOFF =
VFB
(6.35 x 10
-6
x RCL)
0.285 +
10
-5
STOP
RUN
RON
LM5008
RON/SD
VIN
Input
Voltage
LM5008
www.ti.com
SNVS280G – APRIL 2004 – REVISED MARCH 2013
Over-Voltage Comparator
The feedback voltage at FB is compared to an internal 2.875V reference. If the voltage at FB rises above 2.875V
the on-time pulse is immediately terminated. This condition can occur if the input voltage, or the output load,
change suddenly. The buck switch will not turn on again until the voltage at FB falls below 2.5V.
On-Time Generator and Shutdown
The on-time for the LM5008 is determined by the RON resistor, and is inversely proportional to the input voltage
(Vin), resulting in a nearly constant frequency as Vin is varied over its range. Equation 4 shows the on-time
equation for the LM5008.
TON = 1.25 x 10
-10 x R
ON / VIN
(4)
See Figure 4. RON should be selected for a minimum on-time (at maximum VIN) greater than 400 ns, for proper
current limit operation. This requirement limits the maximum frequency for each application, depending on VIN
and VOUT. See Figure 5.
The LM5008 can be remotely disabled by taking the RON/SD pin to ground. See Figure 12. The voltage at the
RON/SD pin is between 1.5 and 3.0 volts, depending on Vin and the value of the RON resistor.
Figure 12. Shutdown Implementation
Current Limit
The LM5008 contains an intelligent current limit OFF timer. If the current in the Buck switch exceeds 0.5A the
present cycle is immediately terminated, and a non-resetable OFF timer is initiated. The length of off-time is
controlled by an external resistor (RCL) and the FB voltage (see Figure 6). When FB = 0V, a maximum off-time is
required, and the time is preset to 35µs. This condition occurs when the output is shorted, and during the initial
part of start-up. This amount of time ensures safe short circuit operation up to the maximum input voltage of 95V.
In cases of overload where the FB voltage is above zero volts (not a short circuit) the current limit off-time will be
less than 35µs. Reducing the off-time during less severe overloads reduces the amount of foldback, recovery
time, and the start-up time. The off-time is calculated from Equation 5.
(5)
The current limit sensing circuit is blanked for the first 50-70ns of each on-time so it is not falsely tripped by the
current surge which occurs at turn-on. The current surge is required by the re-circulating diode (D1) for its turn-
off recovery.
N-Channel Buck Switch and Driver
The LM5008 integrates an N-Channel Buck switch and associated floating high voltage gate driver. The gate
driver circuit works in conjunction with an external bootstrap capacitor and an internal high voltage diode. A
0.01µF ceramic capacitor (C4) connected between the BST pin and SW pin provides the voltage to the driver
during the on-time.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5008


Similar Part No. - LM5008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5008 NSC-LM5008 Datasheet
278Kb / 15P
   High Voltage (100V) Step Down Switching Regulator
LM5008 NSC-LM5008 Datasheet
389Kb / 16P
   High Voltage (100V) Step Down Switching Regulator
logo
Texas Instruments
LM5008 TI1-LM5008 Datasheet
1Mb / 21P
[Old version datasheet]   High Voltage (100V) Step Down Switching Regulator
logo
National Semiconductor ...
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5008A TI-LM5008A Datasheet
1Mb / 23P
[Old version datasheet]   100-V 350-mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM5008

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com