Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4947 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part No. LM4947
Description  Mono Class D and Stereo Audio Sub-System
Download  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM4947 Datasheet HTML 19Page - Texas Instruments LM4947 Datasheet HTML 20Page - Texas Instruments LM4947 Datasheet HTML 21Page - Texas Instruments LM4947 Datasheet HTML 22Page - Texas Instruments LM4947 Datasheet HTML 23Page - Texas Instruments LM4947 Datasheet HTML 24Page - Texas Instruments LM4947 Datasheet HTML 25Page - Texas Instruments LM4947 Datasheet HTML 26Page - Texas Instruments LM4947 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
0
0.2
0.4
0.6
0.8
1
0
200
400
600
800
OUTPUT POWER (mW)
0
10
20
30
40
50
60
70
80
90
100
0
200 400 600 800 1000 1200 1400 1600
OUTPUT POWER (mW)
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
160
180
THD+N = 10%
THD+N = 1%
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
160
180
THD+N = 10%
THD+N = 1%
LM4947, LM4947TLEVAL
www.ti.com
SNAS349D – JUNE 2006 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 32Ω, Mode 7, OCL
RL = 32Ω, Mode 7, SE
Figure 84.
Figure 85.
Efficiency vs Output Power
Efficiency vs Output Power
VDD = 3.3V, RL = 8Ω, Mode 1, 3, 5, BTL
VDD = 5V, RL = 8Ω, Mode 1, 3, 5, BTL
Figure 86.
Figure 87.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM4947 LM4947TLEVAL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn