Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM4947 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part No. LM4947
Description  Mono Class D and Stereo Audio Sub-System
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4947 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM4947 Datasheet HTML 18Page - Texas Instruments LM4947 Datasheet HTML 19Page - Texas Instruments LM4947 Datasheet HTML 20Page - Texas Instruments LM4947 Datasheet HTML 21Page - Texas Instruments LM4947 Datasheet HTML 22Page - Texas Instruments LM4947 Datasheet HTML 23Page - Texas Instruments LM4947 Datasheet HTML 24Page - Texas Instruments LM4947 Datasheet HTML 25Page - Texas Instruments LM4947 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
160
180
THD+N = 10%
THD+N = 1%
0
180
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
20
40
60
80
100
120
140
160
THD+N = 10%
THD+N = 1%
2.5
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
500
1000
1500
2000
2500
THD+N = 10%
THD+N = 1%
1
2
3
4
5
6
7
8
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
0
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
1
2
3
4
5
6
7
8
9
0
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
1
2
3
4
5
6
7
8
9
LM4947, LM4947TLEVAL
SNAS349D – JUNE 2006 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Supply Current vs Supply Voltage
Supply Current vs Supply Voltage
No Load, Mode 1, 3, 5, MONO
No Load, Mode 2, 4, 6, OCL
Figure 78.
Figure 79.
Supply Current vs Supply Voltage
Output Power vs Supply Voltage
No Load, Mode 2, 4, 6, Headphone SE
RL = 8Ω, Mode 1, 3, 5, MONO
Figure 80.
Figure 81.
Output Power vs Supply Voltage
Output Power vs Supply Voltage
RL = 32Ω, Mode 2, 4, 6, OCL
RL = 32Ω, Mode 2, 4, 6, SE
Figure 82.
Figure 83.
22
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4947 LM4947TLEVAL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn