Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1782DBQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1782DBQR
Description  Audio Digital-to-Analog Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1782DBQR Datasheet(HTML) 2 Page - Texas Instruments

  PCM1782DBQR Datasheet HTML 1Page - Texas Instruments PCM1782DBQR Datasheet HTML 2Page - Texas Instruments PCM1782DBQR Datasheet HTML 3Page - Texas Instruments PCM1782DBQR Datasheet HTML 4Page - Texas Instruments PCM1782DBQR Datasheet HTML 5Page - Texas Instruments PCM1782DBQR Datasheet HTML 6Page - Texas Instruments PCM1782DBQR Datasheet HTML 7Page - Texas Instruments PCM1782DBQR Datasheet HTML 8Page - Texas Instruments PCM1782DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
PCM1780, PCM1781, PCM1782
SLES132B – MARCH 2005 – REVISED AUGUST 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can
range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to
damage because very small parametric changes could cause the device not to meet its published specifications.
over operating free-air temperature range (unless otherwise noted)(1)
PCM1780, PCM1781, PCM1782
Supply voltage
VCC
–0.3 V to 6.5 V
Input voltage
–0.3 V to VCC + 0.3 V, < 6.5 V
Input current (any pins except supplies)
±10 mA
Ambient temperature under bias
– 40°C to 125°C
Storage temperature
– 55°C to 150°C
Junction temperature
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range
MIN
NOM
MAX
UNIT
Digital and analog supply voltage, VCC
4.5
5
5.5
V
Digital input logic family
TTL
System clock
8.192
36.864
MHz
Digital input clock frequency
Sampling clock
32
192
kHz
Analog output load resistance
5
k
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature, TA
–25
85
°C
All specifications at T
A = 25°C, VCC = 5 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
24
Bits
DATA FORMAT
PCM1780,
Right-justified, I2S,
PCM1782
left-justified
Audio data interface format
PCM1781
I2S, right-justified
PCM1780,
16-, 18-, 20-, 24-bit
PCM1782
selectable
Audio data bit length
16–24-bit I2S, 16-bit
PCM1781
right-justified
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
5
200
kHz
128 fS, 192 fS, 256 fS, 384 fS,
System clock frequency
512 fS, 768 fS, 1152 fS
2
Submit Documentation Feedback


Similar Part No. - PCM1782DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1782DBQR TI-PCM1782DBQR Datasheet
439Kb / 31P
[Old version datasheet]   24-Bit, 192-kHz Sampling, Enhanced Multilevel, Delta-Sigma, Audio Digital-to-Analog Converter
More results

Similar Description - PCM1782DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com